Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM8060
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 10Page - Analog Devices LTM8060 Datasheet HTML 11Page - Analog Devices LTM8060 Datasheet HTML 12Page - Analog Devices LTM8060 Datasheet HTML 13Page - Analog Devices LTM8060 Datasheet HTML 14Page - Analog Devices LTM8060 Datasheet HTML 15Page - Analog Devices LTM8060 Datasheet HTML 16Page - Analog Devices LTM8060 Datasheet HTML 17Page - Analog Devices LTM8060 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM8080
14
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
INTEGRATED EMI
NOISE SHIELD
VIN
VOUT1
VOUT2
2.2µH
10pF
10nF
80.6k
2.21k
7.68k
4.7µF
×2
100µA
RPG1
RPG2
RSET1
100µA
RPG3
RPG4
RSET2
CIN
COUT1
COUT2
CSET2
CSET1
DC/DC
CONTROLLER
VIN
RUN
SS
RT
SYNC
1V
VOUT1
VSNS1
PGFB1
PG1
SET1
VOUT2
VSNS2
PGFB2
SET2
VBUS
LDO1
LDO2
STEP-DOWN SWITCHING REGULATOR
GND
1.5V
8080 BD
–
+
AV = 1
–
VIN
R1
PG2
VIN
R2
CBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com