Electronic Components Datasheet Search
  English  ▼

X  

TTC013 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TTC013
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC013 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TTC013 Datasheet HTML 1Page - Toshiba Semiconductor TTC013 Datasheet HTML 2Page - Toshiba Semiconductor TTC013 Datasheet HTML 3Page - Toshiba Semiconductor TTC013 Datasheet HTML 4Page - Toshiba Semiconductor TTC013 Datasheet HTML 5Page - Toshiba Semiconductor TTC013 Datasheet HTML 6Page - Toshiba Semiconductor TTC013 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TTC013
6
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
The drawings shown may not accurately represent the actual shape or dimensions.
Weight: 0.05 g (typ.)
Package Name(s)
Nickname: PW-Mini
2015-08-04
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com