Electronic Components Datasheet Search
  English  ▼

X  

TTC016 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TTC016
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC016 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TTC016 Datasheet HTML 1Page - Toshiba Semiconductor TTC016 Datasheet HTML 2Page - Toshiba Semiconductor TTC016 Datasheet HTML 3Page - Toshiba Semiconductor TTC016 Datasheet HTML 4Page - Toshiba Semiconductor TTC016 Datasheet HTML 5Page - Toshiba Semiconductor TTC016 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TTC016
1
Bipolar Transistors Silicon NPN Epitaxial Type
TTC016
TTC016
TTC016
TTC016
Start of commercial production
2014-12
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Switching
•
DC-DC Converters
2.
2.
2.
2. Features
Features
Features
Features
(1)
High DC current gain
: hFE = 400 to 1000 (IC = 0.5 A)
(2)
Low collector saturation voltage : VCE(sat) = 0.22 V (max) (IC = 1.6 A, IB = 32 mA)
(3)
High-speed switching
: tf = 95 ns (typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
New PW-Mold
1. Base
2. Collector (Heatsink)
3. Emitter
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Collector-base voltage
Collector-emitter voltage
Collector-emitter voltage
Emitter-base voltage
Collector current (DC)
Collector current (pulsed)
Base current
Collector power dissipation
Collector power dissipation
Junction temperature
Storage temperature
(Ta = 25 )
(Tc = 25 )
(Note 1)
(Note 1)
(Note 2)
Symbol
VCBO
VCEX
VCEO
VEBO
IC
ICP
IB
PC
PC
Tj
Tstg
Rating
120
100
50
9
5
10
0.5
1.2
24
175
-55 to 150
Unit
V
A
W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Ensure that the junction temperature does not exceed 175 .
Note 2: The definitions of the absolute maximum junction and storage temperatures are based on AEC-Q101.
2015-03-05
Rev.1.0


Similar Part No. - TTC016

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TTC016 ISC-TTC016 Datasheet
314Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - TTC016

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC004B TOSHIBA-TTC004B Datasheet
210Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
TDTC114Y TOSHIBA-TDTC114Y Datasheet
224Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.4.0
TDTC143E TOSHIBA-TDTC143E Datasheet
228Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TTC015B TOSHIBA-TTC015B Datasheet
218Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2015-01-22 Rev.1.0
TTC020 TOSHIBA-TTC020 Datasheet
287Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2022-10-11 Rev.1.0
TTC1949 TOSHIBA-TTC1949 Datasheet
195Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2018-05-28 Rev.1.0
TTC500 TOSHIBA-TTC500 Datasheet
253Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2021-09-17 Rev.2.0
TTC501 TOSHIBA-TTC501 Datasheet
249Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2021-09-17 Rev.2.0
TPCP8512 TOSHIBA-TPCP8512 Datasheet
345Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2023-01-16 Rev.2.0
TPCP8513 TOSHIBA-TPCP8513 Datasheet
301Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2023-01-16 Rev.2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com