Electronic Components Datasheet Search
  English  ▼

X  

TTC016 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TTC016
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC016 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TTC016 Datasheet HTML 1Page - Toshiba Semiconductor TTC016 Datasheet HTML 2Page - Toshiba Semiconductor TTC016 Datasheet HTML 3Page - Toshiba Semiconductor TTC016 Datasheet HTML 4Page - Toshiba Semiconductor TTC016 Datasheet HTML 5Page - Toshiba Semiconductor TTC016 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TTC016
2
5.
5.
5.
5. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
5.1.
5.1.
5.1.
5.1. Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Collector cut-off current
Emitter cut-off current
Collector-emitter breakdown voltage
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Symbol
ICBO
IEBO
V(BR)CEO
hFE(1)
hFE(2)
VCE(sat)
VBE(sat)
Test Condition
VCB = 120 V, IE = 0 A
VEB = 9 V, IC = 0 A
IC = 10 mA, IB = 0 A
VCE = 2 V, IC = 0.5 A
VCE = 2 V, IC = 1.6 A
IC = 1.6 A, IB = 32 mA
IC = 1.6 A, IB = 32 mA
Min
50
400
200
Typ.
Max
100
100
1000
0.22
1.10
Unit
nA
V
V
5.2.
5.2.
5.2.
5.2. Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Switching time (rise time)
Switching time (storage time)
Switching time (fall time)
Symbol
tr
tstg
tf
Test Condition
See Figure 5.2.1.
VCC
≈ 24 V, RL = 15 Ω,
IB1 = 32 mA, IB2 = 53 mA,
Duty cycle ≤ 1 %
Min
Typ.
60
500
95
Max
Unit
ns
Fig.
Fig.
Fig.
Fig. 5.2.1
5.2.1
5.2.1
5.2.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
6.
6.
6.
6. Marking (Note)
Marking (Note)
Marking (Note)
Marking (Note)
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
2015-03-05
Rev.1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com