Electronic Components Datasheet Search
  English  ▼

X  

DOM40LX192 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # DOM40LX192
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40LX192 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  DOM40LX192 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
1 / 1
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
GENERAL DESCRIPTION
The HFDOM40LX series 40Pin Flash Disk on Module is a flash technology based with True IDE interface flash memory
card for Lexar controller. It is constructed with flash disk controller chip and NAND-type (Samsung) flash memory device.
The HFDOM40LX series operates in 5.0-Volt power supplies. It comes in capacity of 128, 192MB and up to 256 MB
formatted 40Pin type .
By optimizing flash memory management, the life of this HFDOM40LX series can be extended to its maximum level.
Because the ECC function is included, the correctness of data transfer between the HFDOM40LX series and a True IDE
compatible interface device can be guaranteed.
The HFDOM40LX series is fully compatible with applications such as CPU card / board, set top box, industry / military PC,
security equipment, measuring instrument and embedded systems.
FEATURES
-
True IDE compatible host interface
-
Direct plug in for 3.5
″ IDE Connectors
-
40 pin 2.54mm IDE Connector
-
Ultra-High Performance
-
Support for CIS implemented with 256 bytes of attribute memory
-
5.0V operation voltage
-
Burst Rate (to/from Host): up to 16.6MB/s (PIO mode 4)
-
Sustained Write (Host to flash): minimum of 1.2MB/s
-
Data Transfer Rate (device to PC via USB interface): up to 850KB/s
-
Capacity : Min. 128MB ~ Max. 256MB
-
Auto Sleep Mode
-
Low Power Dissipation
-
Low VCC Program Inhibit Function
PRODUCT SPECIFICATIONS
Capacities :
128, 192 and up to 256 MB (formatted)
Operating Voltage :
5.0V
±10%
Power consumptions :
Read mode
65 mA (typ)
Write mode
65 mA (typ)
Sleep mode
300 uA (typ)
Environment conditions :
Operating temperature
0°C to + 70°C
Storage temperature
- 25°C to + 85°C
Relative humidity
95%(Max)
Mechanical conditions :
Weight : Maximum 9.0g
40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface
Mode,
5.0V
Part No. HFDOM40LX-xxxx


Similar Part No. - DOM40LX192

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40K3R016 HANBIT-DOM40K3R016 Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R032 HANBIT-DOM40K3R032 Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R064 HANBIT-DOM40K3R064 Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R096 HANBIT-DOM40K3R096 Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R1.5G HANBIT-DOM40K3R1.5G Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - DOM40LX192

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com