Electronic Components Datasheet Search
  English  ▼

X  

DOM40LX256 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # DOM40LX256
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40LX256 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40LX256 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
9 / 9
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
Figure 3.1 IDE Mode I/O Read Timing Example
Table 3.1 IDE Mode I/O Write Access
Mode
-CE2
-CE1
A2-A0
-IORD
-IOWR
D15 - D8
D7 – D0
Invalid Mode
L
L
x
x
x
High-Z
High-Z
Standby Mode
H
H
x
x
x
High-Z
High-Z
Task File Read
L
H
1-7h
H
L
x
Data In
Data Register Read
H
L
6h
H
L
x
Control In
Table 3.3 IDE Mode I/O Write Timing
Parameter
Symbol
IEEE Symbol
Min. ns
Max. ns
Data Setup before IOWR
tsu(IOWR)
tDVIWH
100
Data Hold following IOWR
th(IOWR)
tlWHDX
0
IOWR Width Time
twI(OWR)
tlWLIWH
165
Address Setup before IOWR
tsuA(IOWR)
tAVIWL
70
Address Hold following IOWR
thA(IOWR)
tlWHAX
20
CE Setup before IOWR
tsuCE(IOWR)
tELIWL
5
CE Hold following IOWR
thCE(IOWR)
tlWHEH
20
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
NOTE: The maximum load on -IOIS16 is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time
from
-WAIT high to -IOWR high is 0nsec, but minimum -IOWR width must still be met.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com