Electronic Components Datasheet Search
  English  ▼

X  

DOM40LX256 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # DOM40LX256
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40LX256 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  DOM40LX256 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40LX256 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
3 / 3
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
1
2
3
+
-
Jumper
1
PHYSYCAL SPECIFICATIONS
51.70±0.1mm
22.10±0.1mm
29.10±0.2mm
7.0±0.1mm
55.37±0.1mm
< View from front side >
3.8±0.1mm
2.54±0.05mm
6.0±0.1mm
2.54±0.05mm
48.20±0.1mm
55.30±0.1mm
< View from connector side >
Figure 1.1 40 pin Type Flash Disk Module Dimensions
INSTALLTION GUIDE
Jumper
Slave
Master
1,2
Close
2,3
Close
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com