Electronic Components Datasheet Search
  English  ▼

X  

24LLC16T Datasheet(PDF) 12 Page - Ceramate Technical

Part # 24LLC16T
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16T Datasheet(HTML) 12 Page - Ceramate Technical

Back Button 24LLC16T Datasheet HTML 8Page - Ceramate Technical 24LLC16T Datasheet HTML 9Page - Ceramate Technical 24LLC16T Datasheet HTML 10Page - Ceramate Technical 24LLC16T Datasheet HTML 11Page - Ceramate Technical 24LLC16T Datasheet HTML 12Page - Ceramate Technical 24LLC16T Datasheet HTML 13Page - Ceramate Technical 24LLC16T Datasheet HTML 14Page - Ceramate Technical 24LLC16T Datasheet HTML 15Page - Ceramate Technical 24LLC16T Datasheet HTML 16Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
12 of 22
Rev 1.0 Aug.5, 2002
RANDOM ADDRESS BYTE READ OPERATION
Using random read operations, the master can access any memory location at any time. Before it issues the
slave address with the R/W bit set to “1”, the master must first perform a “dummy” write operation. This operation
is performed in the following steps:
1. The master first issues a start condition, the slave address, and the word address to be read. (This step sets
the internal word address pointer of the 24LLC16 to the desired address.)
2. When the master receives an ACK for the word address, it immediately re-issues a start condition followed
by another slave address, with the R/W bit set to “1”.
3. The 24LLC16 then sends an ACK and the 8-bit data stored at the pointed address.
4. At this point, the master does not acknowledge the transmission, generating a stop condition.
5. The 24LLC16 stops transmitting data and reverts to stand-by mode (see Figure 5-13).
Word
Address
Slave
Address
Start
A
C
K
A
C
K
A
C
K
Stop
Slave
Address
Start
Data (n)
N
O
A
C
K
Figure 5-13. Random Address Byte Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com