Electronic Components Datasheet Search
  English  ▼

X  

24LLC16T Datasheet(PDF) 13 Page - Ceramate Technical

Part # 24LLC16T
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16T Datasheet(HTML) 13 Page - Ceramate Technical

Back Button 24LLC16T Datasheet HTML 9Page - Ceramate Technical 24LLC16T Datasheet HTML 10Page - Ceramate Technical 24LLC16T Datasheet HTML 11Page - Ceramate Technical 24LLC16T Datasheet HTML 12Page - Ceramate Technical 24LLC16T Datasheet HTML 13Page - Ceramate Technical 24LLC16T Datasheet HTML 14Page - Ceramate Technical 24LLC16T Datasheet HTML 15Page - Ceramate Technical 24LLC16T Datasheet HTML 16Page - Ceramate Technical 24LLC16T Datasheet HTML 17Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
13 of 22
Rev 1.0 Aug.5, 2002
SEQUENTIAL READ OPERATION
Sequential read operations can be performed in two ways: current address sequential read operation, and
random address sequential read operation. The first data is sent in either of the two ways, current address byte
read operation or random address byte read operation described earlier. If the master responds with an ACK, the
24LLC16
continues transmitting data. If the master does not issue an ACK, generating a stop condition, the
slave stops transmission, ending the sequential read operation.
Using this method, data is output sequentially from address “n” followed by address “n+1”. The word address
pointer for read operations increments to all word addresses, allowing the entire EEPROM to be read sequentially
in a single operation. After the entire EEPROM is read, the word address pointer “rolls over” and the 24LLC16
continues to transmit data for each ACK it receives from the master (see Figure 5-14).
Slave Address
Data (n)
Start
A
C
K
N
O
A
C
K
Stop
Data (n+x)
A
C
K
A
C
K
Figure 5-14. Sequential Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com