Electronic Components Datasheet Search
  English  ▼

X  

CMD1668 Datasheet(PDF) 1 Page - Ceramate Technical

Part # CMD1668
Description  Two-Phase Unipolar Drive Brushless Motor Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD1668 Datasheet(HTML) 1 Page - Ceramate Technical

  CMD1668 Datasheet HTML 1Page - Ceramate Technical CMD1668 Datasheet HTML 2Page - Ceramate Technical CMD1668 Datasheet HTML 3Page - Ceramate Technical CMD1668 Datasheet HTML 4Page - Ceramate Technical CMD1668 Datasheet HTML 5Page - Ceramate Technical CMD1668 Datasheet HTML 6Page - Ceramate Technical CMD1668 Datasheet HTML 7Page - Ceramate Technical CMD1668 Datasheet HTML 8Page - Ceramate Technical CMD1668 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CMD1668M,CMD1667M
Two-Phase Unipolar Drive Brushless Motor Drivers
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 9
Rev 1.0 Aug. 23,2004
Overview
The CMD1668M Series are 2-phase unipolar drive brushless
motor drivers that feature a wide usable voltage range and
a minimal number of required external components. They
also support the formation of motor lock protection and
automatic recovery circuits.
Functions and Features
• Output protection Zener diodes with variable breakdown
voltages
— When the Z1 and Z2 pins are open:
VOLM = 57 V
— When the Z1 and Z2 pins are shorted: VOLM = 32 V
— An external Zener diode can be connected between
Z1 and VCC.
• Can support both 12-V and 24-V power supplies by
changing an external resistor.
• Hall elements can be connected directly.
• 1.5-A output current output transistors built in
• Built-in rotation detection function that outputs low
when driven and high when stopped (CMD1668M)
• FG signal function that sets FG high when IN- is low,
and sets FG low when IN- is high (CMD1667M)
• Motor lock protection and automatic recovery functions
built in
• Thermal shutdown function
Package Dimensions
unit: mm
1
14
7
8
8.0
0.15
1.0 1.0
0.35
SOP-14
[CMD1668M, 1667M]


Similar Part No. - CMD1668

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD166 MMIC-CMD166 Datasheet
241Kb / 9P
20-40 GHz Low Noise Driver Amplifier
More results

Similar Description - CMD1668

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
2-Phase Unipolar Brushless Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
2-Phase Unipolar Brushless Motor Drivers
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
Two-phase Unipolar DC Brushless Motor Pre-Driver IC
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Sanyo Semicon Device
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
2-Phase Unipolar Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com