Electronic Components Datasheet Search
  English  ▼

X  

CMD1668 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CMD1668
Description  Two-Phase Unipolar Drive Brushless Motor Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD1668 Datasheet(HTML) 2 Page - Ceramate Technical

  CMD1668 Datasheet HTML 1Page - Ceramate Technical CMD1668 Datasheet HTML 2Page - Ceramate Technical CMD1668 Datasheet HTML 3Page - Ceramate Technical CMD1668 Datasheet HTML 4Page - Ceramate Technical CMD1668 Datasheet HTML 5Page - Ceramate Technical CMD1668 Datasheet HTML 6Page - Ceramate Technical CMD1668 Datasheet HTML 7Page - Ceramate Technical CMD1668 Datasheet HTML 8Page - Ceramate Technical CMD1668 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CMD1668M,CMD1667M
Two-Phase Unipolar Drive Brushless Motor Drivers
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 9
Rev 1.0 Aug. 23,2004
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50
mA
Common-mode input voltage range
VICM
0 to VIN –1.5
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output limit voltage
VOLM1
Z1, Z2 open
54
57
60
V
VOLM2
Z1, Z2 short
31
33
35
V
Vosat1
IO = 0.5 A
0.95
1.2
V
Output saturation voltage
Vosat2
IO = 1.0 A
1.15
1.5
V
Vosat3
IO = 1.5 A
1.4
2.0
V
VIN voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amplifier input offset voltage
VOFF
–7.0
0
+7.0
mV
Amplifier input bias current
IBA
–250
nA
RD output saturation voltage
VRDsat
IRD = 5 mA*
0.1
0.3
V
FG output saturation voltage
VFG sat
IFG = 5 mA*
0.1
0.3
V
C outflow current
IC1
2.1
3.0
3.9
µA
C discharge current
IC2
0.31
0.44
0.59
µA
Comparator input threshold voltage
VTH1
0.77
0.8VIN
0.83
V
VTH2
0.42
0.45VIN
0.48
V
Thermal shutdown current operating temperature
TSD
Design target value
180
°C
Thermal shutdown circuit hysteresis
∆TSD
Design target value
40
°C
Electrical Characteristics at Ta = 25°C, ICC = 10 mA
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20 ms
200
mA
Output voltage
VOUT
Internal
V
Output current
IOUT
1.5
A
Output minus current
IOM
–50
mA
RD/FG influx current
IRD/IFG
10
mA
RD/FG voltage
VRD/VFG
30
V
CMD1667M, 1668M: Mounted on a printed circuit board
0.8
W
Allowable power dissipation
Pd max
(20
× 15 × 1.5 mm3, glass epoxy)
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Note: * RD output: CMD1668M, FG output: CMD1667M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com