Electronic Components Datasheet Search
  English  ▼

X  

AP64500 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP64500
Description  3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64500 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP64500 Datasheet HTML 3Page - Diodes Incorporated AP64500 Datasheet HTML 4Page - Diodes Incorporated AP64500 Datasheet HTML 5Page - Diodes Incorporated AP64500 Datasheet HTML 6Page - Diodes Incorporated AP64500 Datasheet HTML 7Page - Diodes Incorporated AP64500 Datasheet HTML 8Page - Diodes Incorporated AP64500 Datasheet HTML 9Page - Diodes Incorporated AP64500 Datasheet HTML 10Page - Diodes Incorporated AP64500 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AP64500
Document number: DS41979 Rev. 4 - 2
7 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64500
Typical Performance Characteristics (AP64500 at TA = +25°C, VIN = 12V, VOUT = 5V, fsw = 500kHz (RT= 200kΩ ± 1%),
unless otherwise specified.)
Figure 4. Efficiency vs. Output Current, VIN = 12V
Figure 5. Efficiency vs. Output Current, VIN = 24V
Figure 6. Line Regulation
Figure 7. Load Regulation
Figure 8. Feedback Voltage vs. Temperature
Figure 9. Power MOSFET RDS(ON) vs. Temperature
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 3.6
μH
VOUT = 3.3V, L = 3.3
μH
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 3.6
μH
VOUT = 3.3V, L = 3.3
μH
4.800
4.825
4.850
4.875
4.900
4.925
4.950
4.975
5.000
5.025
5.050
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
IOUT = 3A
IOUT = 4A
IOUT = 5A
4.800
4.825
4.850
4.875
4.900
4.925
4.950
4.975
5.000
5.025
5.050
0.00 0.75 1.50 2.25 3.00 3.75 4.50 5.25 6.00
IOUT (A)
VIN = 12V
VIN = 24V
0.800
0.801
0.802
0.803
0.804
0.805
0.806
0.807
0.808
0.809
0.810
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
High-Side MOSFET
Low-Side MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com