Electronic Components Datasheet Search
  English  ▼

X  

AP64500 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP64500
Description  3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64500 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP64500 Datasheet HTML 18Page - Diodes Incorporated AP64500 Datasheet HTML 19Page - Diodes Incorporated AP64500 Datasheet HTML 20Page - Diodes Incorporated AP64500 Datasheet HTML 21Page - Diodes Incorporated AP64500 Datasheet HTML 22Page - Diodes Incorporated AP64500 Datasheet HTML 23Page - Diodes Incorporated AP64500 Datasheet HTML 24Page - Diodes Incorporated AP64500 Datasheet HTML 25Page - Diodes Incorporated AP64500 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AP64500
Document number: DS41979 Rev. 4 - 2
22 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64500
Application Information (cont.)
16
External Loop Compensation Design (cont.)
AP64500
VIN
EN
SW
BST
FB
GND
INPUT
R1
115kΩ
C4
47pF
R2
22.1kΩ
L
3.6μH
C3
100nF
C2
3 x 22µF
C1
10µF
OUTPUT
VOUT
5V
RT/CLK
COMP
R5
15.8kΩ
C5
2.7nF
RT
200kΩ
C6
39pF
VIN
12V
Figure 29. Example Circuit with Calculated Component Values for Loop Compensation
The first-order calculated loop response has the following characteristics:
Bandwidth is around 13.8kHz
Phase Margin is around 101.0°
Gain Margin is around -23.5dB
Figure 30. Closed-Loop Bandwidth
Figure 31. Closed-Loop Phase Margin
-100
-80
-60
-40
-20
0
20
40
60
80
100
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
-250
-200
-150
-100
-50
0
50
100
150
200
250
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com