Electronic Components Datasheet Search
  English  ▼

X  

AP64501 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # AP64501
Description  3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64501 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button AP64501 Datasheet HTML 18Page - Diodes Incorporated AP64501 Datasheet HTML 19Page - Diodes Incorporated AP64501 Datasheet HTML 20Page - Diodes Incorporated AP64501 Datasheet HTML 21Page - Diodes Incorporated AP64501 Datasheet HTML 22Page - Diodes Incorporated AP64501 Datasheet HTML 23Page - Diodes Incorporated AP64501 Datasheet HTML 24Page - Diodes Incorporated AP64501 Datasheet HTML 25Page - Diodes Incorporated AP64501 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AP64501
Document number: DS41980 Rev. 4 - 2
24 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64501
Ordering Information
AP64501 XX - X
Package
SP: SO-8EP
Packing
13: Tape & Reel
Orderable Device
Package Code
Tape and Reel
Quantity
Part Number Suffix
AP64501SP-13
SP
4000
-13
Marking Information
SO-8EP
AP64501
(Top View)
YY WW X X E
Logo
WW : Week : 01~52; 52
YY : Year : 19, 20, 21~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week
E : SO-8EP
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com