Electronic Components Datasheet Search
  English  ▼

X  

1PS184 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1PS184
Description  High-speed double diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS184 Datasheet(HTML) 2 Page - NXP Semiconductors

  1PS184 Datasheet HTML 1Page - NXP Semiconductors 1PS184 Datasheet HTML 2Page - NXP Semiconductors 1PS184 Datasheet HTML 3Page - NXP Semiconductors 1PS184 Datasheet HTML 4Page - NXP Semiconductors 1PS184 Datasheet HTML 5Page - NXP Semiconductors 1PS184 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1996 Sep 03
2
Philips Semiconductors
Product specification
High-speed double diode
1PS184
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 80 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATIONS
• High-speed switching in e.g.
surface mounted circuits.
DESCRIPTION
The 1PS184 consists of two
high-speed switching diodes with
common cathodes, fabricated in
planar technology, and encapsulated
in the small plastic SMD SC59
package.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
Fig.1 Simplified outline (SC59) and symbol.
Top view
21
3
MAM084
21
3
Marking code: B3T.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
80
V
IF
continuous forward current
single diode loaded; see Fig.2;
note 1
−
215
mA
double diode loaded; see Fig.2;
note 1
−
125
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge
t=1
µs
−
4A
t=1s
−
0.5
A
Ptot
total power dissipation
Tamb =25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com