Electronic Components Datasheet Search
  English  ▼

X  

1PS184 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS184
Description  High-speed double diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS184 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS184 Datasheet HTML 1Page - NXP Semiconductors 1PS184 Datasheet HTML 2Page - NXP Semiconductors 1PS184 Datasheet HTML 3Page - NXP Semiconductors 1PS184 Datasheet HTML 4Page - NXP Semiconductors 1PS184 Datasheet HTML 5Page - NXP Semiconductors 1PS184 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1996 Sep 03
4
Philips Semiconductors
Product specification
High-speed double diode
1PS184
GRAPHICAL DATA
Device mounted on an FR4 printed-circuit board.
Fig.2
Maximum permissible continuous forward
current as a function of ambient
temperature.
0
200
300
0
100
200
MBD033
100
I F
(mA)
T
( C)
amb
o
single diode loaded
double diode loaded
(1) Tj = 150 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.3
Forward current as a function of forward
voltage.
handbook, halfpage
02
300
IF
(mA)
0
100
200
MBG382
1
VF (V)
(1)
(3)
(2)
handbook, halfpage
102
10
200
0
MBG380
100
Tj (
oC)
IR
(
µA)
1
10 2
10
1
(1)
(2)
(3)
Fig.4
Reverse current as a function of junction
temperature.
(1) VR = 80 V; maximum values.
(2) VR = 80 V; typical values.
(3) VR = 25 V; typical values.
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
08
16
12
4
0.8
0.6
0
0.4
0.2
MBG446
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com