Electronic Components Datasheet Search
  English  ▼

X  

T59 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T59
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T59 Datasheet(HTML) 2 Page - Vishay Siliconix

  T59 Datasheet HTML 1Page - Vishay Siliconix T59 Datasheet HTML 2Page - Vishay Siliconix T59 Datasheet HTML 3Page - Vishay Siliconix T59 Datasheet HTML 4Page - Vishay Siliconix T59 Datasheet HTML 5Page - Vishay Siliconix T59 Datasheet HTML 6Page - Vishay Siliconix T59 Datasheet HTML 7Page - Vishay Siliconix T59 Datasheet HTML 8Page - Vishay Siliconix T59 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
T59
www.vishay.com
Vishay
Upgrade for High Reliability With T54
Revision: 16-Dec-2022
2
Document Number: 40191
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Capacitors may bear T54 marking scheme if parts are substituted with high rel COTS performance grade product.
Call the factory for further explanation
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
H (MAX.)
L
W
P1
P2 (REF.)
EE
7343-43
0.169
[4.3]
0.287 ± 0.012
[7.3 ± 0.3]
0.169 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.191
[4.85]
RATINGS AND CASE CODES (ESR mΩ)
μF
16 V
30 V
35 V
50 V
63 V
75 V
15
EE (100)
EE (100)
22
EE (100)
EE (100)
EE (100)
47
EE (70, 55)
EE (100, 70, 55)
150
EE (150, 75, 50)
220
EE (25)
330
EE (25)
470
EE (25, 20)
MARKING
L
Anode polarity mark
Anode termination
P1
W
H
P2
P1
Cathode termination
330 16V
Polarity mark
Vishay identification mark
+ + +
T59 2
Voltage
Capacitance
Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com