Electronic Components Datasheet Search
  English  ▼

X  

T59 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T59
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T59 Datasheet(HTML) 3 Page - Vishay Siliconix

  T59 Datasheet HTML 1Page - Vishay Siliconix T59 Datasheet HTML 2Page - Vishay Siliconix T59 Datasheet HTML 3Page - Vishay Siliconix T59 Datasheet HTML 4Page - Vishay Siliconix T59 Datasheet HTML 5Page - Vishay Siliconix T59 Datasheet HTML 6Page - Vishay Siliconix T59 Datasheet HTML 7Page - Vishay Siliconix T59 Datasheet HTML 8Page - Vishay Siliconix T59 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
T59
www.vishay.com
Vishay
Upgrade for High Reliability With T54
Revision: 16-Dec-2022
3
Document Number: 40191
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE,
100 kHz
IRMS
(A)
HI TEMPERATURE
LOAD
MSL
TEMPERATURE
(°C)
TIME
(h)
16 VDC AT +105 °C; 10 VDC AT +125 °C
220
EE
T59EE227(1)016(2)0025
352
10
25
4.195
125
2000
3
330
EE
T59EE337M016(2)0025
528
10
25
4.195
125
2000
3
470
EE
T59EE477M016(2)0025
752
10
25
4.195
125
2000
3
470
EE
T59EE477M016(2)0020
752
10
20
4.690
125
2000
3
30 VDC AT +105 °C; 20 VDC AT +125 °C
150
EE
T59EE157M030(2)0150
450
10
150
1.713
125
2000
3
150
EE
T59EE157M030(2)0075
450
10
75
2.422
125
2000
3
150
EE
T59EE157M030(2)0050
450
10
50
3.114
125
2000
3
35 VDC AT +105 °C; 23 VDC AT +125 °C
47
EE
T59EE476M035(2)0070
165
10
70
2.507
125
2000
3
47
EE
T59EE476M035(2)0055
165
10
55
2.828
125
2000
3
50 VDC AT +105 °C; 33 VDC AT +125 °C
22
EE
T59EE226M050(2)0100
110
10
100
2.098
125
1000
3
47
EE
T59EE476M050(2)0100
235
10
100
2.098
125
2000
3
47
EE
T59EE476M050(2)0070
235
10
70
2.507
125
2000
3
47
EE
T59EE476M050(2)0055
235
10
55
2.828
105
2000
3
63 VDC AT +105 °C; 42 VDC AT +125 °C
15
EE
T59EE156M063(2)0100
95
10
100
2.098
125
2000
3
22
EE
T59EE226M063(2)0100
139
10
100
2.098
125
1000
3
75 VDC AT +105 °C; 50 VDC AT +125 °C
15
EE
T59EE156M075(2)0100
113
10
100
2.098
125
2000
3
22
EE
T59EE226M075(2)0100
165
12
100
2.098
125
1000
3
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: E, C
RATED AND RECOMMENDED DERATED VOLTAGES VS. TEMPERATURE
10
100
1000
10000
50
55
60
65
70
75
80
85
90
95
100
-55
255585
105
125
Axis Title
Temperature (°C)
67 %
54 %
Recommended application voltage
Rated voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com