Electronic Components Datasheet Search
  English  ▼

X  

342-SERIES Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 342-SERIES
Description  342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

342-SERIES Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  342-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 342-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved. 342-SERIES Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.100” (2.54mm) Pitch
342/392 SERIES
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
5
10
1.300
33.02
1.022
25.96
0.746
18.95
0.600
15.24
0.400
10.16
10
20
1.800
45.72
1.522
38.66
1.246
31.65
1.100
27.94
0.900
22.86
15
30
2.100
53.34
1.822
46.28
1.546
39.27
1.400
35.56
1.200
30.48
13
26
2.300
58.42
2.022
51.36
1.746
44.35
1.600
40.64
1.400
35.56
18
36
2.600
66.04
2.322
58.98
2.046
51.97
1.900
48.26
1.700
43.18
22
44
3.000
76.20
2.722
69.14
2.446
62.13
2.300
58.42
2.100
53.34
25
50
3.300
83.82
3.022
76.76
2.746
69.75
2.600
66.04
2.400
60.96
30
60
3.800
96.52
3.522
89.46
3.246
82.45
3.100
78.74
2.900
73.66
31
62
3.900
99.06
3.622
92.00
3.346
84.99
3.200
81.28
3.000
76.20
35
70
4.300
109.22
4.022
102.16
3.746
95.15
3.600
91.44
3.400
86.36
36
72
4.400
111.76
4.122
104.70
3.846
97.69
3.700
93.98
3.500
88.90
43
86
5.100
129.54
4.822
122.48
4.546
115.47
4.400
111.76
4.200
106.68
50
100
5.800
147.32
5.522
140.26
5.246
133.25
5.100
129.54
4.900
124.46
58
116
6.600
167.64
6.322
160.58
6.046
153.57
5.900
149.86
5.700
144.78
DUAL ROW
CARD SLOT ACCEPTS .054 (1.37)
TO .070 (1.78) THICK P.C. BOARD
.200 (5.08)
.270
G
.590
(9.40)
.370
E
.100 (2.54)
2.03) WIRE HOLE
.030 X .080 (0.76 X
D
SINGLE ROW
OF CONNECTOR
LETTER SIDE
"A"
C
A
B
CARD SLOT
.410 (10.41)
CONTACT
POINT OF
.240 (6.10)
FOR RIGHT ANGLE MTG.
DIMENSION
CONNECTOR
B
THROUGH HOLES
.128 (3.25) DIA
SPECIFICATIONS
(10.92)
.430
IN-CONTACT
RECOMMENDED DAUGHTER BOARD
CUT OUT FOR
POLARIZING KEY.
MINUS .012 (0.30)
D
(2.03)
.080
-.015 (0.38)
+.000
.031 (0.79) +.004 (0.10)/-.000
.042 (1.07) +.004 (0.10)/-.000
CONNECTOR MOUNTING PATTERN
.200
PANEL MOUNT
.125 (3.18)
PANEL MOUNT
CUT OUT
(5.08)
.008 (0.20) DIA
FOR CODE 524 P.C. TAIL
EXCEPT CODE 524
FOR ALL P.C. TAILS
.400 (10.16)
B
.100 (2.54)
E
.136 (3.45)
DIA REF
(14.99)
(6.86)
SECTION THROUGH
CONTACT POSITION
.135 (3.43)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com