Electronic Components Datasheet Search
  English  ▼

X  

342-SERIES Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 342-SERIES
Description  342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

342-SERIES Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  342-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 342-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved. 342-SERIES Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.100” (2.54mm) Pitch
342/392 SERIES
.120 (3.05)
CONTACT CODE 556
A
.125 (3.18) TO .185 (4.70)
OUTSIDE TAILS
BETWEEN TAILS
.045 (1.14) TO .060 (1.52)
.095 (2.41)
BEND USES WIRE HOLE CONTACTS
CONTACT CODE 555
.045 (1.14) TO .060 (1.52)
BETWEEN TAILS
A
.125 (3.18) TO .210 (5.33)
OUTSIDE TAILS
CONTACT CODE 560
OUTSIDE TAILS
.125 (3.18) TO .210 (5.33)
BETWEEN TAILS
.045 (1.14) TO .060 (1.52)
A
.165 (4.19)
CONTACT CODE 559
SINGLE ROW BEND
IS STANDARD FOR
THIS CONTACT ROW
B
A
.060 (1.52)
.150 (3.81)
(DEPENDING UPON SERIES)
SIDE OR ROW "A" SIDE OF CONNECTOR
NUMBERED SIDE, EVEN NUMBERED
CONTACT CODE 558
THIS CONTACT ROW
IS STANDARD FOR
SINGLE ROW BEND
B
A
.200 (5.08)
SIDE OR ROW "A" SIDE OF CONNECTOR
(DEPENDING UPON SERIES)
.060 (1.52)
NUMBERED SIDE, EVEN NUMBERED
CODE x01
MOUNTING OPTION
C
DIMENSION
CONNECTOR
NO MOUNTING
LUGS
M3-0.5(METRIC)
SIDE MOUNTING HOLES WITH INSERTS
M3-0.5(METRIC)
CODE X07 AND X08- THREADED INSERTS
CODE X02 AND X04- THROUGH MTG. HOLES
CODE X17
INSERT
INSERT
"A" DIA.
CODE X07
0.128(3.25)X
CODE X02
CODE X18
#4-40 UNC
CODE X08
#4-40 UNC
0.156(3.96)
CODE X04
0.146(3.71) SLOT
MOUNTING OPTION
CODES x07 & xO8
CONNECTOR
DIMENSION
B
#4-40 UNC
THREADED INSERTS
CODE x08
M3-0.5 METRIC
CODE x07
FOR RIGHT ANGLE MTG.
.128 (3.25) DIA
THROUGH HOLES
B
CONNECTOR
DIMENSION
CODE X12
.135 (3.43)
CODES x02 and xO4
MOUNTING OPTION
CONNECTOR
DIMENSION
B
HOLES
DIA THROUGH
A
CODE x03
MOUNTING OPTION
DIMENSION
CONNECTOR B
FLOATING EYELETS
.116 (2.95) I.D.
.005 (0.51) VERTICAL
FLOAT
.250 (6.35) DIA
FLOAT
.010 (0.25) RADIAL
.348(8.84)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com