Electronic Components Datasheet Search
  English  ▼

X  

ISL68220IRAZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL68220IRAZ
Description  Digital Dual Output, 2-Phase PWM Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68220IRAZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL68220IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
ISL68220
9. PMBus Commands Summary
R16DS0015EU0100 Rev.1.00
Page 33 of 97
Oct.1.20
44h
VOUT_UV_FAULT_LIMIT (44h)
Sets the VOUT UV fault limit
R/W
Direct
0000h
0mV
45h
VOUT_UV_FAULT_RESPONSE (45h) Configures the VOUT UV fault
response
R/W
Bit
84h
Latch off
46h
IOUT_OC_FAULT_LIMIT (46h)
Sets the IOUT OC fault limit
R/W
Direct
12Ch
30A
47h
IOUT_OC_FAULT_RESPONSE (47h)
Configures the IOUT OC fault
response
R/W
Bit
C4h
Latch off
4Fh
OT_FAULT_LIMIT (4Fh)
Sets the OT fault limit
R/W
Direct
007Dh
125°C
50h
OT_FAULT_RESPONSE (50h)
Configures the OT fault
response
R/W
Bit
84h
Latch off
51h
OT_WARN_LIMIT (51h)
Sets the OT warn limit
R/W
Direct
006Eh
110°C
53h
UT_FAULT_LIMIT (53h)
Sets the UT fault limit
R/W
Direct
FFD8h
-40°C
54h
UT_FAULT_RESPONSE (54h)
Configures the UT fault
response
R/W
Bit
80h
Latch off
55h
VIN_OV_FAULT_LIMIT (55h)
Sets the VIN OV fault limit
R/W
Direct
0640h
16V
56h
VIN_OV_FAULT_RESPONSE (56h)
Configures the VIN OV fault
response
R/W
Bit
84h
Latch off
57h
VIN_OV_WARN_LIMIT (57h)
Sets the VIN OV warn limit
R/W
Direct
0708h
18V
58h
VIN_UV_WARN_LIMIT (58h)
Sets the VIN UV warn limit
R/W
Direct
0000h
0mV
59h
VIN_UV_FAULT_LIMIT (59h)
Sets the VIN UV fault limit
R/W
Direct
0000h
0mV
5Ah
VIN_UV_FAULT_RESPONSE (5Ah)
Configures the VIN UV fault
response
R/W
Bit
84h
Latch off
5Bh
IIN_OC_FAULT_LIMIT (5Bh)
Sets the IIN OC fault limit
R/W
Direct
1388h
50A
5Ch
IIN_OC_FAULT_RESPONSE (5Ch)
Configures the IIN OC fault
response
R/W
Bit
04h
Ignore
5Dh
IIN_OC_WARN_LIMIT (5Dh)
Sets the IIN OC warn limit
R/W
Direct
3A98h
150A
60h
TON_DELAY (60h)
Sets turn on delay time
R/W
Direct
0000h
0µs
61h
TON_RISE (61h)
Sets turn on rise time
R/W
Direct
01F4h
500µs
64h
TOFF_DELAY (64h)
Sets turn off delay time
R/W
Direct
0000h
0µs
65h
TOFF_FALL (65h)
Sets turn off fall time
R/W
Direct
01F4h
500µs
78h
STATUS_BYTE (78h)
First byte of STATUS_WORD
Read
Bit
N/A
N/A
79h
STATUS_WORD (79h)
Summary of critical faults
Read
Bit
N/A
N/A
7Ah
STATUS_VOUT (7Ah)
Reports VOUT warnings/faults
Read
Bit
N/A
N/A
7Bh
STATUS_IOUT (7Bh)
Reports IOUT warnings/faults
Read
Bit
N/A
N/A
7Ch
STATUS_INPUT (7Ch)
Reports input warnings/faults
Read
Bit
N/A
N/A
7Dh
STATUS_TEMPERATURE (7Dh)
Reports temperature
warnings/faults
Read
Bit
N/A
N/A
7Eh
STATUS_CML (7Eh)
Reports communication,
memory, logic errors
Read
Bit
N/A
N/A
80h
STATUS_MFR_SPECIFIC (80h)
Reports other specific faults
Read
Bit
N/A
N/A
88h
READ_VIN (88h)
Reports input voltage
measurement
Read
Direct
N/A
mV
89h
READ_IIN (89h)
Reports input current
measurement
Read
Direct
N/A
A
8Bh
READ_VOUT (8Bh)
Reports output voltage
measurement
Read
Direct
N/A
mV
Code
Command Name
Description
Type
Data
Format
Default
Value
Default Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com