Electronic Components Datasheet Search
  English  ▼

X  

ISL68220IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68220IRAZ
Description  Digital Dual Output, 2-Phase PWM Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68220IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68220IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
ISL68220
2. Specifications
R16DS0015EU0100 Rev.1.00
Page 13 of 97
Oct.1.20
Switching Frequency Range
0.2
2.0
MHz
Soft-Start and VOUT Transition Rates
Minimum Soft-Start Ramp Rate
Programmable minimum rate
0.01
mV/µs
Maximum Soft-Start Ramp Rate
Programmable maximum rate
100
mV/µs
Soft-Start Ramp Rate Accuracy
±2
%
Minimum VOUT Transition Rate
0.01
mV/µs
Maximum Fast VOUT Transition Rate
100
mV/µs
VOUT Transition Rate Accuracy
-4
4
%
PWM Output (PWM[1:0])
PWMx Output High Level
IOUT = 4mA
VCC - 0.4
V
PWMx Output Low Level
IOUT = 4mA
0.4
V
PWMx Tri-State Leakage (pin forced high)
VPWM = VCC
1
µA
PWMx Tri-State Leakage (pin forced low)
VPWM = 0V
-1
µA
Thermal Monitoring and Protection
Temperature Sensor Range
-50
150
°C
Temperature Sensor Accuracy
SPS configuration
±4.5
%
nVRHOT Output Low Impedance
9
Ω
Power-Good and Protection Monitors
PG Output Low Voltage
IOUT = 4mA load
0.2
V
PG Leakage Current
With pull-up resistor externally connected to
VCC
5µA
Overvoltage Protection Threshold Resolution
1
mV
Undervoltage Protection Threshold Resolution
1
mV
Input Voltage-Sense and Catastrophic Failure Protection (CFP) Output
Input Voltage Accuracy
VINSEN to ADC accuracy
±2.5
%
Input Overvoltage Threshold Resolution
16
mV
CFP Output High Voltage
IOUT = 8mA
VCC - 0.4
V
CFP Output Low Voltage
IOUT = 8mA
0.4
V
SMBus/PMBus
nPMALERT, PMSDA Output Low Level
IOUT = 20mA
0.4
V
PMSCL, PMSDA Input High Level
1.35
V
PMSCL, PMSDA Input Low Level
0.8
V
PMSCL, PMSDA Input Hysteresis
80
mV
PMSCL Frequency Range
0.01
2.00
MHz
Notes:
6. These parts are designed and adjusted for accuracy with all errors in the voltage loop included. Verified by design and/or characterization.
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the operating ambient
temperature range -40°C to +85°C. (Continued)
Parameter
Test Conditions
Min
(Note 7)Typ
Max
(Note 7)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com