Electronic Components Datasheet Search
  English  ▼

X  

CZT751 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZT751
Description  SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT751 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZT751 Datasheet HTML 1Page - Central Semiconductor Corp CZT751 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT751
type is a PNP Silicon Transistor manufactured by
the epitaxial planar process, epoxy molded in a
surface mount package, designed for high
current applications.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
2.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=1.0A, IB=100mA
0.3
V
VCE(SAT)
IC=2.0A, IB=200mA
0.5
V
VBE(SAT)
IC=1.0A, IB=100mA
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
1.0
V
CZT751
SURFACE MOUNT
PNP HIGH CURRENT
SILICON TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R3 (17-June 2004)


Similar Part No. - CZT751

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results

Similar Description - CZT751

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833 Datasheet
602Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953_10 Datasheet
291Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955 Datasheet
979Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com