Electronic Components Datasheet Search
  English  ▼

X  

CZT751 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CZT751
Description  SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT751 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CZT751 Datasheet HTML 1Page - Central Semiconductor Corp CZT751 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
4) COLLECTOR
MARKING CODE:
FULL PART NUMBER
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CZT751
SURFACE MOUNT
PNP HIGH CURRENT
SILICON TRANSISTOR
R3 (17-June 2004)
ELECTRICAL CHARACTERISTICS: Continued
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=2.0V, IC=50mA
75
hFE
VCE=2.0V, IC=500mA
75
hFE
VCE=2.0V, IC=1.0A
75
hFE
VCE=2.0V, IC=2.0A
40
fT
VCE=5.0V, IC=50mA, f=100MHz
75
MHz
MIN
MAX
MIN
MAX
A
0°
10°
0°
10°
B
0.059
0.071
1.50
1.80
C
0.018
---
0.45
---
D
0.000
0.004
0.00
0.10
E
F
0.009
0.014
0.23
0.35
G
0.248
0.264
6.30
6.70
H
0.114
0.122
2.90
3.10
I
0.130
0.146
3.30
3.70
J
0.264
0.287
6.70
7.30
K
0.024
0.033
0.60
0.85
L
M
SOT-223 (REV: R3)
15°
0.091
0.181
4.60
2.30
15°
DIMENSIONS
SYMBOL
MILLIMETERS
INCHES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com