Electronic Components Datasheet Search
  English  ▼

X  

ISL68239 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL68239
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68239 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL68239 Datasheet HTML 35Page - Renesas Technology Corp ISL68239 Datasheet HTML 36Page - Renesas Technology Corp ISL68239 Datasheet HTML 37Page - Renesas Technology Corp ISL68239 Datasheet HTML 38Page - Renesas Technology Corp ISL68239 Datasheet HTML 39Page - Renesas Technology Corp ISL68239 Datasheet HTML 40Page - Renesas Technology Corp ISL68239 Datasheet HTML 41Page - Renesas Technology Corp ISL68239 Datasheet HTML 42Page - Renesas Technology Corp ISL68239 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
ISL68229, ISL68239
9. PMBus Command Summary
R16DS0006EU0101 Rev.1.01
Page 39 of 106
Jul 21, 2022
9.1
PMBus Use Guidelines
All commands can be read at any time.
9.2
PMBus Data Formats
9.2.1 Direct
The Direct data format is a 2-byte binary integer.
9.2.2 Linear 16 Unsigned (L16U)
The L16u data format uses a fixed exponent (hard-coded to N = -9h) and a 16-bit unsigned integer mantissa (Y)
to represent the real world decimal value (X). The relation between the real world decimal value (X), N, and Y is:
X = Y·2-9.
9.2.3 Linear 16 Signed (L16S)
The L16S data format uses a fixed exponent (hard-coded to N = -9h) and a 16-bit signed integer mantissa (Y) to
represent the real world decimal value (X). The relation between the real world decimal value (X), N, and Y is:
X = Y·2-9.
9.2.4 Linear 11 (L11)
The L11 data format uses 5-bit two’s complement exponent (N) and 11-bit two’s complement mantissa (Y) to
represent the real world decimal value (X).
The relation between the real world decimal value (X), N, and Y is: X = Y·2N.
9.2.5 Bit Field (Bit)
A description of Bit Field is provided in the PMBus Command Detail.
9.2.6 Custom (Cus)
Custom format
ECh
SLOW_OC_FILT_COUNT (ECh)
Configures the slow OC filter
R/W
Bit
0606h
Filter = 10.7µs,
Delay = 1024µs
F0h
LOOPCFG (F0h)
Defines rail operating
configuration
R/W
Bit
102031F6h See detail
F2h
RESTORE_CFG (F2h)
Identifies configuration to be
restored from NVM
R/W
Bit
00h
Figure 30. Linear 11 Data Format
Code
Command Name
Description
Type
Data
Format
Default
Value
Default Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com