Electronic Components Datasheet Search
  English  ▼

X  

ISL68239 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL68239
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68239 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL68239 Datasheet HTML 17Page - Renesas Technology Corp ISL68239 Datasheet HTML 18Page - Renesas Technology Corp ISL68239 Datasheet HTML 19Page - Renesas Technology Corp ISL68239 Datasheet HTML 20Page - Renesas Technology Corp ISL68239 Datasheet HTML 21Page - Renesas Technology Corp ISL68239 Datasheet HTML 22Page - Renesas Technology Corp ISL68239 Datasheet HTML 23Page - Renesas Technology Corp ISL68239 Datasheet HTML 24Page - Renesas Technology Corp ISL68239 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
ISL68229, ISL68239
4. Operating the Device
R16DS0006EU0101 Rev.1.01
Page 21 of 106
Jul 21, 2022
4.
Operating the Device
After the ISL68229 or ISL68239 initialize and a configuration is loaded, it is ready for operation.
The ISL68229 and ISL68239 have several performance enhancing features that enable them to meet the most
stringent voltage regulation and efficiency demands. The synthetic current modulator provides excellent transient
response to support the latest generation of ASICs and CPUs. Automatic phase dropping, diode emulation, and
PFM operation improve efficiency across the load range. The ISL68229 and ISL68239 support Smart Power
Stage (SPS) current sense in addition to DCR/resistor current sense to enable optimal design. The devices also
support a full complement of high resolution telemetry, including per phase temperature sense when paired with
select Renesas SPS devices. The following sections provide more detail about these features.
4.1
Input Voltage Sensing
Input voltage is monitored using the VINSEN pin. Connect the VINSEN pin as shown in Figure 6.
Input voltage is monitored continuously, and regulation is stopped anytime the sensed input voltage falls outside
the boundaries established by configuration settings associated with the parameters VIN ON, VIN OFF, VIN
Overvoltage Fault Limit, and VIN Undervoltage Fault Limit.
4.2
Lossless Input Current and Power Sensing
Input current telemetry is provided per rail using an input current synthesizer. By using the ISL68229 or ISL68239
to precisely determine the operational conditions, the input current can be synthesized to a high degree of
accuracy without the need for a lossy sense resistor. With a precise knowledge of the input current and voltage,
the input power can be computed.
4.3
VMON Voltage Sensing
The VMON input pin provides a secondary input voltage sense with several selectable voltage ranges. The
VMON input pin can be used to inhibit rail operation when the sensed voltage falls outside the boundary
established by the configuration settings that are associated with the parameters VMON_ON and VMON_OFF. If
a rail is prevented from operating due to a VMON excursion, the rail restarts if the sensed voltage returns to the
specified range. Use of this feature is optional for each rail. A typical use case for this voltage sensing feature is
monitoring the bias supply voltage associated with the power stages and preventing operation if this voltage is
below the configured range. Figure 7 on page 21 shows how to connect the VMON pin for sensing the 5V SPS
bias voltage.
Figure 6. Input Voltage Sense Configuration
Figure 7. VMON Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com