Electronic Components Datasheet Search
  English  ▼

X  

ISL68229IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68229IRAZ
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68229IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68229IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
ISL68229, ISL68239
2. Specifications
R16DS0006EU0101 Rev.1.01
Page 14 of 106
Jul 21, 2022
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operating Conditions
Parameter
Pins
Minimum
Maximum
Unit
Input Voltage Range
VCC
+4.3
V
Voltage Range
VCCS
+1.6
V
Input Voltage Range
VINSEN
GND - 0.3
18
V
Voltage Range
All Other Pins
GND - 0.3
VCC + 0.3
V
ESD Rating
Pins
Value
Unit
Human Body Model (Tested per JS-001-2017)
AVS_MDA, AVS_SDA
1
kV
All Other Pins
2
kV
Charged Device Model (Tested per JS-002-2014)
All Pins
750
V
Latch-Up (Tested per JESD78E; Class 2, Level A)
All Pins
100
mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
40 Ld 5x5 QFN Package (Notes 4, 5)24
2.5
Notes:
4. θJA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features.
See TB379.
5. For θJC, the case temperature location is the center of the exposed metal pad on the package underside.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
see TB493
Parameter
Minimum
Maximum
Unit
Supply Voltage, VCC
3.135
3.465
V
Junction Temperature
-40
+125
°C
Output Voltage
03.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com