Electronic Components Datasheet Search
  English  ▼

X  

ISL68239IRAZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL68239IRAZ
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68239IRAZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL68239IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 28Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
ISL68229, ISL68239
6. Fault Monitoring and Protection
R16DS0006EU0101 Rev.1.01
Page 30 of 106
Jul 21, 2022
6.3
Output Overcurrent Protection
The ISL68229 and ISL68239 offer a comprehensive overcurrent protection scheme that monitors the total output
current, peak phase current, and the valley phase current. The scheme allows you to eliminate inductor saturation
and limit the total output current. The ISL68229 and ISL68239 support shutdown and retry response types for OC
faults. The response configuration applies to all output current fault mechanisms such as phase peak overcurrent
and total output overcurrent.
Figure 20 shows the block diagram of the output overcurrent protection scheme.
Phases are protected from both overcurrent and undercurrent using a pulse-by-pulse scheme that acts instantly
on a PWM signal if a detected phase current reaches its threshold. Thresholds for overcurrent and undercurrent
allow you to precisely limit phase currents so the inductors never saturate. Phase current limiting behavior can be
configured to either shut down the device after a user-determined number of consecutive events or continue
indefinitely. If configured to continue indefinitely, the converter behaves much like a current source. Figures 21
and 22 show per-phase current limiting when the device is configured to shut down after a finite number of
consecutive events.
In addition to phase based current limiting, the ISL68229 and ISL68239 support total output current limits that
have user-adjustable response delay. The two sum current limits, fast and slow, allow you to permit high
maximum output current for a shorter period of time and lower output current for a longer period. The response
delay for the limiting mechanisms is also adjustable. These mechanisms do not restrict the maximum output
current until the current exceeds a threshold for the response delay time. For example, suppose the device is
configured with a Fast Sum OC limit of 350A, a response delay of 50µs, and a shutdown response type. Next,
suppose a 400A load is placed on the regulator. 400A is supplied to the load for 50µs, and the device then shuts
down as shown in Figure 23 on page 31.
Figure 20. OCP Functional Diagram
Figure 21. Peak OC Operation
Figure 22. Peak UC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com