Electronic Components Datasheet Search
  English  ▼

X  

ISL68239IRAZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL68239IRAZ
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68239IRAZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL68239IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68239IRAZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
ISL68229, ISL68239
1. Overview
R16DS0006EU0101 Rev.1.01
Page 10 of 106
Jul 21, 2022
1.3
Ordering Information
Part Number
(Notes 2, 3)Part Marking
Package
(RoHS Compliant)
Pkg.
Dwg. #
Carrier Type
(Note 1)
Junction
Temperature
ISL68229IRAZ
ISL68229
IRZ
68 Ld 8x8 QFN
L68.8x8C
Tube
-40 to +125°C
ISL68229IRAZ-T
Reel, 4k
ISL68239IRAZ
ISL68239
IRZ
Tube
ISL68239IRAZ-T
Reel, 4k
ISL68239IRAZ-T7A
Reel, 250
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL68229 and ISL68239 device pages. For more information about MSL, see TB363.
Part
Number
Phase Configuration
Output X/Output Y/Output Z
Bus Specification
Supported
Package
ISL68229
X+Y+Z ≤ 12
PMBus
QFN 68 Ld, 8x8mm
ISL68239
X+Y+Z ≤ 12
PMBus/AVSBus
QFN 68 Ld, 8x8mm
ISL68220
X+Y ≤ 2
PMBus
QFN 32 Ld, 4x4mm
ISL68221
X+Y+Z ≤ 3
PMBus
QFN 40 Ld, 5x5mm
ISL68222
X+Y ≤ 5
PMBus
QFN 40 Ld, 5x5mm
ISL68223
X+Y ≤ 4
PMBus
QFN 40 Ld, 5x5mm
ISL68224
X+Y+Z ≤ 6
PMBus
QFN 52 Ld, 6x6mm
ISL68225
X+Y ≤ 9
PMBus
QFN 52 Ld, 6x6mm
ISL68226
X+Y+Z ≤ 8
PMBus
QFN 60 Ld, 7x7mm
ISL68227
X ≤ 12
PMBus
QFN 60 Ld, 7x7mm
ISL68233
X+Y ≤ 5
PMBus/AVSBus
QFN 40 Ld, 5x5mm
ISL68236
X+Y ≤ 9
PMBus/AVSBus
QFN 52 Ld, 6x6mm
Table 1.
Power Stage Recommendations
Part Number
Rating
(A)
Type
TOUT
TREF
REFIN
FAULT#
Package
Dwg. #
Pin-to-Pin
Compatible
Typically Used With
5.0V PWM Power Stage Family
ISL99227B
60
SPS
Yes
No
Yes
Yes
L32.5x5V
N/A
Phase Doublers: ISL6617A
ISL99360B
60
SPS
Yes
No
Yes
Yes
L32.5x5W
N/A
3.3V PWM Power Stage Family
ISL99227
60
SPS
Yes
No
Yes
Yes
L32.5x5V
N/A
Full Digital Controllers:
ISL68/69xxx
ISL99360
60
SPS
Yes
No
Yes
Yes
L32.5x5W
N/A
ISL99380
80
SPS
Yes
No
Yes
No
L39.5x6A
ISL99390
ISL99390
90
SPS
Yes
No
Yes
No
L39.5x6A
ISL99380
ISL99392
90
SPS
Yes
Yes
No
Yes
L39.5x6A
N/A
ISL682xx/692xx controllers
that support low power state
PWM protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com