Electronic Components Datasheet Search
  English  ▼

X  

FXPS7400DI4 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FXPS7400DI4
Description  Digital absolute pressure sensor, 20 kPa to 400 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7400DI4 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FXPS7400DI4 Datasheet HTML 67Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 68Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 69Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 70Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 71Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 72Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 73Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 74Page - NXP Semiconductors FXPS7400DI4 Datasheet HTML 75Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
NXP Semiconductors
FXPS7400D4
Digital absolute pressure sensor, 20 kPa to 400 kPa
Tab. 71. DSP_CFG_U5 - DSP user configuration #5
register (address 44h) bit allocation ................ 43
Tab. 72. DSP_CFG_U5 - DSP user configuration #5
register (address 44h) bit description .............. 43
Tab. 73. Self-Test Control Bits (ST_CTRL[3:0]) .............44
Tab. 74. INT_CFG - interrupt configuration register
(address 45h) bit allocation .............................44
Tab. 75. INT_CFG - interrupt configuration register
(address 45h) bit description ...........................45
Tab. 76. P_INT_HI, P_INT_LO - interrupt window
comparator threshold registers (address
46h to 49h) bit allocation .................................45
Tab. 77. P_CAL_ZERO - pressure calibration
registers (address 4Ch, 4Dh) bit allocation ......46
Tab. 78. DSP_STAT - DSP-specific status register
(address 60h) bit allocation .............................46
Tab. 79. DSP_STAT - DSP-specific status register
(address 60h) bit description ...........................46
Tab. 80. DEVSTAT_COPY - device status copy
register (address 61h) bit allocation ................ 47
Tab. 81. SNSDATA0_L, SNSDATA0_H - sensor
data #0 registers (addresses 62h, 63h) bit
allocation ......................................................... 47
Tab. 82. SNSDATA1_L, SNSDATA1_H - sensor
data #1 registers (address 64h, 65h) bit
allocation ......................................................... 48
Tab. 83. SNSDATA0_TIMEx - timestamp register
(address 66h to 6Bh) bit allocation ..................48
Tab. 84. P_Max and P_Min registers (address 6Ch
to 6Fh) bit allocation ....................................... 49
Tab. 85. FRT - free running timer registers
(addresses 78h to 7Dh) bit allocation ..............49
Tab. 86. IC TYPE REGISTER (ICTYPEID address
C0h) bit allocation ........................................... 49
Tab. 87. IC MANUFACTURER REVISION
REGISTER (ICREVID address C1h) bit
allocation ......................................................... 50
Tab. 88. IC MANUFACTURER IDENTIFICATION
REGISTER (ICMFGID address C2h) bit
allocation ......................................................... 50
Tab. 89. PN0 Register (address C4h) bit allocation .......50
Tab. 90. PN1 Register (address C5h) bit allocation .......50
Tab. 91. SN0 Register (address C6h) bit allocation .......51
Tab. 92. SN1 Register (address C7h) bit allocation .......51
Tab. 93. SN2 Register (address C8h) bit allocation .......51
Tab. 94. SN3 Register (address C9h) bit allocation .......51
Tab. 95. SN4 Register (address CAh) bit allocation ...... 51
Tab. 96. ASICWFR# Register (address CBh) bit
allocation ......................................................... 51
Tab. 97. ASICWFR_X Register (address CCh) bit
allocation ......................................................... 52
Tab. 98. ASICWFR_Y Register (address CDh) bit
allocation ......................................................... 52
Tab. 99. ASICWLOT_L Register (address D0h) bit
allocation ......................................................... 52
Tab. 100. ASICWLOT_H Register (address D1h) bit
allocation ......................................................... 52
Tab. 101. Lock and CRC Register bit definitions .............53
Tab. 102. Maximum ratings .............................................54
Tab. 103. Electrical characteristics — supply and I/O ..... 55
Tab. 104. Static characteristics ....................................... 55
Tab. 105. Dynamic characteristics .................................. 57
Tab. 106. External component recommendations for
I2C ...................................................................60
Tab. 107. External component recommendations for
SPI ...................................................................60
Tab. 108. Revision history ...............................................67
Figures
Fig. 1.
Block diagram of FXPS7400D4 ........................ 3
Fig. 2.
Pin configuration for 16-pin HQFN .................... 3
Fig. 3.
Voltage regulation and monitoring .....................5
Fig. 4.
User-controlled PABS common mode self-
test flowchart .....................................................6
Fig. 5.
ΣΔ converter block diagram .............................. 7
Fig. 6.
Signal chain diagram ........................................ 8
Fig. 7.
Sinc filter response ........................................... 8
Fig. 8.
800 Hz, 4-pole, low-pass filter response ........... 9
Fig. 9.
800 Hz, 4-pole output signal delay ..................10
Fig. 10.
1000 Hz, 4-pole, low-pass filter response ....... 10
Fig. 11.
1000 Hz, 4-pole output signal delay ................11
Fig. 12.
Temperature sensor signal chain block
diagram ............................................................12
Fig. 13.
Common mode error detection signal chain
block diagram ..................................................12
Fig. 14.
I2C bit transmissions .......................................13
Fig. 15.
I2C start condition ........................................... 13
Fig. 16.
I2C byte transmissions ....................................14
Fig. 17.
I2C acknowledge and not acknowledge
transmission .................................................... 14
Fig. 18.
I2C stop condition ........................................... 15
Fig. 19.
I2C timing diagram ..........................................17
Fig. 20.
Standard 32 Bit SPI protocol timing
diagram ............................................................18
Fig. 21.
SPI data output verification ............................. 27
Fig. 22.
SPI timing diagram ..........................................27
Fig. 23.
I2C application diagram of FXPS7400D4 ........60
Fig. 24.
SPI application diagram for FXPS7400D4 .......60
Fig. 25.
Package outline HQFN (SOT1573-1) ..............61
Fig. 26.
Package outline detail HQFN (SOT1573-1) .... 62
Fig. 27.
Package outline note HQFN (SOT1573-1) ......63
Fig. 28.
SOT1573-1 PCB design guidelines - Solder
mask opening pattern ......................................64
Fig. 29.
SOT1573-1 PCB design guidelines - I/O
pads and solderable area ............................... 65
Fig. 30.
SOT1573-1 PCB design guidelines - Solder
paste stencil .................................................... 66
FXPS7400D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
73 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com