Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments TPS35 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
7.7 Switching Characteristics
At 1.04 V ≤ VDD ≤ 6 V, MR = Open, WDO pull-up resistor (Rpull-up) = 100 kΩ to VDD, output RESET / WDO load (CLOAD) = 10
pF and over operating free-air temperature range –40
℃ to 125℃, unless otherwise noted. VDD ramp rate ≤ 1 V/µs. Typical
values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTRT
Startup delay (1)
500
µs
tSD
Watchdog startup delay
Orderable part number
TPS3435xA, TPS3435xG
0
ms
Orderable part number
TPS3435xB, TPS3435xH
180
200
220
Orderable part number
TPS3435xC, TPS3435xI
450
500
550
Orderable part number
TPS3435xD, TPS3435xJ
0.9
1
1.1
s
Orderable part number
TPS3435xE, TPS3435xK
4.5
5
5.5
Orderable part number
TPS3435xF, TPS3435xL
9
10
11
tWDO
Watchdog assert time delay
Orderable part number
TPS3435xxxxB
1.6
2
2.4
ms
Orderable part number
TPS3435xxxxC
9
10
11
ms
Orderable part number
TPS3435xxxxD
22.5
25
27.5
ms
Orderable part number
TPS3435xxxxE
45
50
55
ms
Orderable part number
TPS3435xxxxF
90
100
110
ms
Orderable part number
TPS3435xxxxG
180
200
220
ms
Orderable part number
TPS3435xxxxH
0.9
1
1.1
s
Orderable part number
TPS3435xxxxI
9
10
11
s
tMR_WDO
Propagation delay from MR low to WDO
assertion
VDD ≥ 1.25 V,
MR = VMR_H to VMR_L
100
ns
(1)
Specified by design parameter.
TPS3435
SNVSCF7 – DECEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com