Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 18Page - Texas Instruments TPS35 Datasheet HTML 19Page - Texas Instruments TPS35 Datasheet HTML 20Page - Texas Instruments TPS35 Datasheet HTML 21Page - Texas Instruments TPS35 Datasheet HTML 22Page - Texas Instruments TPS35 Datasheet HTML 23Page - Texas Instruments TPS35 Datasheet HTML 24Page - Texas Instruments TPS35 Datasheet HTML 25Page - Texas Instruments TPS35 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The following sections describe in detail proper device implementation, depending on the final application
requirements.
9.1.1 Output Assert Delay
The TPS3435 features two options for setting the output assert delay (tWDO): using a fixed timing and
programming the timing through an external capacitor.
9.1.1.1 Factory-Programmed Output Assert Delay Timing
Fixed output assert delay timings are available using pinout C and J. Using these timings enables a high-
precision, 10% accurate output assert delay timing.
9.1.1.2 Adjustable Capacitor Timing
The TPS3435 also utilizes a programmable output assert delay, using a precision current source to charge
an external capacitor upon device startup. By monitoring the voltage on the CRST pin, the TPS3435 can be
programmed to have a desired output assert delay. The typical delay time resulting from a given external
capacitance on the CRST pin can be calculated by Equation 3, where tWDO is the output assert delay time in
seconds and CCRST is the capacitance in microfarads.
tWDO (sec) = 4.95 × 106 × CCRST (F)
(3)
Note that in order to minimize the difference between the calculated output assert delay time and the actual
output assert delay time, use a high-quality ceramic dielectric COG, X5R, or X7R capacitor and minimize
parasitic board capacitance around this pin. Table 9-1 lists the output assert delay time ideal capacitor values for
CCRST.
Table 9-1. Output Assert Delay Time for Common Ideal Capacitor Values
CCRST
OUTPUT ASSERT
DELAY TIME (tWDO)
UNIT
MIN(1)
TYP
MAX(1)
10 nF
39.6
49.5
59.4
ms
100 nF
396
495
594
ms
1 μF
3960
4950
5940
ms
(1)
Minimum and maximum values are calculated using ideal capacitors.
9.1.2 Watchdog Timer Functionality
The TPS3435 features two options for setting the watchdog timer (tWD): using a fixed timing and programming
the timing through an external capacitor.
9.1.2.1 Factory-Programmed Timing Options
Fixed watchdog timeout options are available using pinout C and J. Using these timings enables a high-
precision, 10% accurate watchdog timer tWD.
TPS3435
SNVSCF7 – DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com