Electronic Components Datasheet Search
  English  ▼

X  

SSD1303Z Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1303Z
Description  132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1303Z Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1303Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1303Z Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
SSD1303
Rev 1.7
P 13/56
May 2005
Solomon Systech
VDD
This is a voltage supply pin. It must be connected to external source.
VSS
This is a ground pin. It also acts as a reference for the logic pins and the OLED driving voltages. It must be
connected to external ground.
BGGND
This is a ground pin for analog circuits. It must be connected to external ground
VCC
This is the most positive voltage supply pin of the chip. It should be supplied externally.
VREF
This is a voltage reference pin for pre-charge voltage in driving OLED device. Voltage should be set to
match with the OLED driving voltage in current drive phase. It can either be supplied externally or by
connecting to VCC.
IREF
This is a segment current reference pin. A resistor should be connected between this pin and VSS. Set the
current at 10uA.
VCOMH
This is an input pin for the voltage output high level for COM signals. A capacitor should be connected
between this pin and VSS.
VDDB This is a power supply pin for the internal buffer of the DC-DC voltage converter. It must be
connected to VDD when the converter is used.
VSSB
This is a ground pin for the internal buffer of the DC-DC voltage converter. It must be connected to VSS
when the converter is used.
GDR
This is an output pin drives the gate of the external NMOS of the booster circuit.
RESE
This is a source current pin of the external NMOS of the booster circuit.
VBREF
This is an internal voltage reference pin for booster circuit. A stabilization capacitor, typ. 1uF, should be
connected to Vss.
FB
This is a feedback resistor input pin for the booster circuit. It is used to adjust the booster output voltage
level, Vcc.
COM0-COM63
These are pins provided the Common switch signals to the OLED panel. They are in high impedance state
when display is OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com