
Solomon Systech
May 2005
P 2/56
Rev 1.7
SSD1303
TABLE OF CONTENTS
1
GENERAL INFORMATION ............................................................................................................................5
2
FEATURES .........................................................................................................................................................5
3
ORDERING INFORMATION ..........................................................................................................................6
4
BLOCK DIAGRAM ...........................................................................................................................................7
5
DIE PAD FLOOR PLAN....................................................................................................................................8
6
PIN DESCRIPTION .........................................................................................................................................12
7
FUNCTIONAL BLOCK DESCRIPTIONS ....................................................................................................15
7.1
OSCILLATOR CIRCUIT AND DISPLAY TIME GENERATOR ..................................................................................15
7.2
RESET CIRCUIT ................................................................................................................................................15
7.3
COMMAND DECODER AND COMMAND INTERFACE ..........................................................................................15
7.4
MPU PARALLEL 6800-SERIES INTERFACE .......................................................................................................16
7.5
MPU PARALLEL 8080-SERIES INTERFACE .......................................................................................................16
7.6
MPU SERIAL INTERFACE .................................................................................................................................17
7.7
GRAPHIC DISPLAY DATA RAM (GDDRAM) ..................................................................................................17
7.8
CURRENT CONTROL AND VOLTAGE CONTROL.................................................................................................17
7.9
SEGMENT DRIVERS / COMMON DRIVERS .........................................................................................................18
7.10
AREA COLOUR DECODER.................................................................................................................................18
7.11
DC-DC VOLTAGE CONVERTER .......................................................................................................................19
8
COMMAND TABLE ........................................................................................................................................21
8.1
DATA READ / WRITE........................................................................................................................................24
9
COMMAND DESCRIPTIONS........................................................................................................................25
10
MAXIMUM RATINGS ....................................................................................................................................32
11
DC CHARACTERISTICS ...............................................................................................................................33
12
AC CHARACTERISTICS ...............................................................................................................................34
13
APPLICATION EXAMPLE ............................................................................................................................38
14
SSD1303T3R1 PACKAGE DETAILS.............................................................................................................39
SSD1303T3R1 PIN ASSIGNMENT ................................................................................................................................39
15
SSD1303T6R1 PACKAGE DETAILS.............................................................................................................43
SSD1303T6R1 PIN ASSIGNMENT ................................................................................................................................43
SSD1303T6R1 TAB PACKAGE DIMENSIONS ..............................................................................................................45
16
SSD1303T8R1 PACKAGE DETAILS.............................................................................................................47
SSD1303T8R1 PIN ASSIGNMENT ................................................................................................................................47
SSD1303T8R1 TAB PACKAGE DIMENSIONS ..............................................................................................................49
17
SSD1303T9R1 PACKAGE DETAILS.............................................................................................................51
SSD1303T9R1 PIN ASSIGNMENT ................................................................................................................................51
SSD1303T9R1 TAB PACKAGE DIMENSIONS ..............................................................................................................53