Electronic Components Datasheet Search
  English  ▼

X  

CPC1510 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1510
Description  1-Form-A Solid State Relay with Integrated Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1510 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1510 Datasheet HTML 1Page - Clare, Inc. CPC1510 Datasheet HTML 2Page - Clare, Inc. CPC1510 Datasheet HTML 3Page - Clare, Inc. CPC1510 Datasheet HTML 4Page - Clare, Inc. CPC1510 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1510-R01
1
CPC1510
1-Form-A Solid State Relay with
Integrated Current Limit
Applications
Features
Description
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current
200
mA
Max R
ON
15
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
•
Integrated Active Current-Limit Protection
•
Thermal Shutdown
•
Linear AC or DC Operation
•
Low Power Consumption
•
Clean, Bounce-free Switching
•
High Surge Capability
•
Low Power Drive Requirements
•
Surface Mount version available
•
Tape & Reel packaging available
•
General Telecom Switching
•
Hook Switch
•
Ringing Relay
•
Dial Pulsing
•
Ground Start
•
Ground Fault Protection
•
Instrumentation
•
Automatic Tuning/Balancing
•
Flying Capacitor
•
Analog Multiplex
•
Peripherals
•
Automatic Tuning/Balancing
•
Transducer Driver
•
Security
•
Medical Equipment
The CPC1510 is a 1-Form-A normally open Solid
State Relay with an integrated current limit feature
that can replace electromechanical relays while
enhancing the robustness of wireline-interface
applications.
The relay is constructed using a GaAIAs LED for
actuation control and an integrated monolithic
die for the switch output. The die, fabricated in a
high-voltage dielectrically isolated technology, is
comprised of a photodiode array, switch control
with active current limiting circuitry, and MOSFET
switches. The active current limit circuitry in the
CPC1510 also provides a thermal shutdown feature
offering excellent power cross immunity for improved
survivability in harsh environments.
These enhancements greatly improves the
robustness of end systems using this device
compared to systems using relays without the
integrated current limit. In addition, the active
current limit circuitry enables the CPC1510 to pass
FCC 68.302 and other regulatory voltage surge
requirements when adequate overvoltage protection
is provided. The CPC1510 relay may be used
in both unidirectional DC applications as well as
bi-directional AC applications.
Approvals
•
UL - File # E76270
Ordering Information
Part #
Description
CPC1510G
6 Pin 0.250" Wide, Through Hole (50/Tube)
CPC1510GS
6 Pin 0.250" Wide, Surface Mount (50/Tube)
CPC1510GSTR
6 Pin 0.250" Wide, Surface Mount (1000/Reel)
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
CPC1510 Pinout
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
CPC1510 Pinout
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+


Similar Part No. - CPC1510

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1510 IXYS-CPC1510 Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
CPC1510G IXYS-CPC1510G Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
CPC1510GS IXYS-CPC1510GS Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
CPC1510GSTR IXYS-CPC1510GSTR Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
More results

Similar Description - CPC1510

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
logo
Clare, Inc.
CPC1560 CLARE-CPC1560 Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com