Electronic Components Datasheet Search
  English  ▼

X  

CPC1510 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1510
Description  1-Form-A Solid State Relay with Integrated Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1510 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1510 Datasheet HTML 1Page - Clare, Inc. CPC1510 Datasheet HTML 2Page - Clare, Inc. CPC1510 Datasheet HTML 3Page - Clare, Inc. CPC1510 Datasheet HTML 4Page - Clare, Inc. CPC1510 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1510
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
CPC1510
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mA
DC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45
0.12
0.10
0.08
0.06
0.04
0.02
0
50
CPC1510
Typical On-Resistance vs. Temperature
(Load Current = Max rated at Temp.)
AC/DC Configuration
Temperature (ºC)
-40
25
20
15
10
5
0
-20
0
20
40
60
80
100
I
F = 5mA
I
F = 10mA
CPC1510
Typical On-Resistance vs. Temperature
(Load Current = Max rated at Temp.)
DC Configuration
Temperature (ºC)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
I
F = 5mA
I
F = 10mA
CPC1510
Typical I
F for Switch Operation
vs. Temperature
(Load Current = 100mA
DC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
3.0
2.5
2.0
1.5
1.0
0.5
0
CPC1510
Typical I
F for Switch Dropout
vs. Temperature
(Load Current = 100mA
DC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
3.0
2.5
2.0
1.5
1.0
0.5
0
CPC1510
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25ºC)
I
F = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
1.0
0.5
1.5 2.0
0
2.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com