Electronic Components Datasheet Search
  English  ▼

X  

CPC5603CTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5603CTR
Description  N Channel Depletion Mode FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5603CTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5603CTR Datasheet HTML 1Page - Clare, Inc. CPC5603CTR Datasheet HTML 2Page - Clare, Inc. CPC5603CTR Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.clare.com
DS-CPC5603C-R01.0
1
CPC5603C
N Channel Depletion Mode FET
www.clare.com
Applications
Features
Description
Ordering Information
Package Pinout
•
Support Component for LITELINK™
Data Access Arrangement (DAA)
•
Telecom
•
Low on resistance 8 ohms
•
Breakdown voltage 415V minimum
•
High input impedance
•
Low input and output leakage
•
Small package size SOT-223
•
PC Card (PCMCIA) Compatible
•
PCB Space and Cost Savings
The CPC5603C is an “N” channel depletion mode
Field Effect Transistor (FET) that utilizes Clare’s
proprietary third generation vertical DMOS process.
The third generation process realizes world
class, high voltage MOSFET performance in an
economical silicon gate process. The vertical DMOS
process yields a highly reliable device particularly
in difficult application environments such as
telecommunications.
One of the primary applications for the CPC5603C is
as a linear regulator/ hook switch for the LITELINK™
family of Data Access Arrangements (DAA) Devices
CPC5620A, CPC5621A, and CPC5622A.
The CPC5603C has a typical on-resistance of 8Ω, a
breakdown voltage exceeding 415V and is available
in an SOT-223 package. As with all MOS devices,
the FET structure prevents thermal runaway and
thermal-induced secondary breakdown.
D
4
1 2 3
G D S
PIN #
1
2
3
4
NAME
GATE
DRAIN
SOURCE
DRAIN
Part #
Description
CPC5603C
N-Channel Depletion Mode FET, SOT-223
Package (80/tube)
CPC5603CTR
N-Channel Depletion Mode FET, SOT-223
Package Tape and Reel (1000/reel)
Pin #
Name
1
GATE
2
DRAIN
3
SOURCE
4
DRAIN


Similar Part No. - CPC5603CTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5603CTR CLARE-CPC5603CTR Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603CTR CLARE-CPC5603CTR Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5603CTR IXYS-CPC5603CTR Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results

Similar Description - CPC5603CTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com