Electronic Components Datasheet Search
  English  ▼

X  

CPC5603CTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC5603CTR
Description  N Channel Depletion Mode FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5603CTR Datasheet(HTML) 2 Page - Clare, Inc.

  CPC5603CTR Datasheet HTML 1Page - Clare, Inc. CPC5603CTR Datasheet HTML 2Page - Clare, Inc. CPC5603CTR Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.clare.com
2
CPC5603C
Rev. 1.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Breakdown Voltage
V
(BR)DS
-
415
-
-
V
Gate-to-Source Off Voltage
V
GS(off)
I
D= 2µA, VDS=10V, VDS=100V
-3.6
-2.0
V
Drain-to-Source Leakage Current
I
DS(off)
V
GS= -5V, VDS=250V
-
-
20
nA
V
GS= -5V, VDS=415V
-
-
1
µA
Drain Current
I
D
V
GS= -2.7V, VDS=5V, VDS=50V
-
-
5
mA
V
GS= -0.57V, VDS=5V
130
-
-
mA
On Resistance
R
DS(on)
V
GS= -0.35V, IDS=50mA
-
8
14
Ω
Gate Leakage Current
I
GSS
V
GS=10V, VGS=-10V
-
-
0.1
µA
Gate Capacitance
C
ISS
V
DS= VGS=0V
-
-
300
pF
Electrical Characteristics (@25oC unless otherwise specified)
Parameter
Min
Max
Units
V
DS Voltage
-
415
V
Total Package Dissipation
-
2.5
W
Operational Temperature
-40
+85
oC
Storage Temperature
-40
+125
oC
Absolute Maximum Ratings (@ 25˚ C)
Thermal Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Thermal Resistance
R
θJC
-
-
-
14
oC/W
Manufacturing Information
Soldering
Recommended soldering processes are limited to
245ºC component body temperature for 10 seconds.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com