Electronic Components Datasheet Search
  English  ▼

X  

1340137 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1340137
Description  Coaxial cable - NBC-COX-CNM/5.0-M/COX-CLM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340137 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1340137 Datasheet HTML 1Page - PHOENIX CONTACT 1340137 Datasheet HTML 2Page - PHOENIX CONTACT 1340137 Datasheet HTML 3Page - PHOENIX CONTACT 1340137 Datasheet HTML 4Page - PHOENIX CONTACT 1340137 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Coaxial cable, 50 Ω, length: 5 m, N(m) - RSMA(m), external cable diameter: 4.9 mm,
transmission frequency: ≤7.25 GHz, typical attenuation: 800 MHz 2.3 dB, 2.4 GHz 3.8 dB, 5.
8 GHz 6 dB, 7.25 GHz 7.3 dB
Your advantages
Future-proof, thanks to the use of lead-free materials
•
Ideal for WLAN, Bluetooth, LTE, and 5G signals
•
The frequency range up to 7.25 GHz enables the use of high Wi-Fi 6 and 5G frequency bands
•
Use of UV-resistant LSZH cable enables use in virtually all industrial field communication applications
•
Commercial Data
Item number
1340137
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
A08
Product Key
ABNHCS
GTIN
4063151646042
Weight per Piece (including packing)
234.3 g
Weight per Piece (excluding packing)
234.3 g
Customs tariff number
85442000
Country of origin
DE
Coaxial cable - NBC-COX-CNM/5.0-M/COX-CLM
1340137
https://www.phoenixcontact.com/us/products/1340137
Jan 11, 2023, 2:24 AM
Page 1 (5)


Similar Part No. - 1340137

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340130 PHOENIX-1340130 Datasheet
175Kb / 3P
Coaxial cable - NBC-COX-CNM/0.5-S/COX-CLM
Jan 11, 2023
1340131 PHOENIX-1340131 Datasheet
179Kb / 4P
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CLM
Jan 11, 2023
1340133 PHOENIX-1340133 Datasheet
176Kb / 3P
Coaxial cable - NBC-COX-CNM/1.5-M/COX-CLM
Jan 11, 2023
1340135 PHOENIX-1340135 Datasheet
176Kb / 3P
Coaxial cable - NBC-COX-CNM/2.0-M/COX-CLM
Jan 11, 2023
1340136 PHOENIX-1340136 Datasheet
184Kb / 4P
Coaxial cable - NBC-COX-CNM/3.0-M/COX-CLM
Nov 3, 2022
More results

Similar Description - 1340137

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340127 PHOENIX-1340127 Datasheet
184Kb / 3P
Coaxial cable - NBC-COX-CNM/30.0-L/COX-CNM
Nov 3, 2022
1340136 PHOENIX-1340136 Datasheet
184Kb / 4P
Coaxial cable - NBC-COX-CNM/3.0-M/COX-CLM
Nov 3, 2022
1340147 PHOENIX-1340147 Datasheet
184Kb / 4P
Coaxial cable - NBC-COX-CNM/5.0-M/COX-CKM
Nov 3, 2022
1340122 PHOENIX-1340122 Datasheet
185Kb / 5P
Coaxial cable - NBC-COX-CNM/0.5-M/COX-CNM
Jan 11, 2023
1340124 PHOENIX-1340124 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/5.0-L/COX-CNM
Jan 11, 2023
1340125 PHOENIX-1340125 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/10.0-L/COX-CNM
Jan 11, 2023
1340130 PHOENIX-1340130 Datasheet
175Kb / 3P
Coaxial cable - NBC-COX-CNM/0.5-S/COX-CLM
Jan 11, 2023
1340131 PHOENIX-1340131 Datasheet
179Kb / 4P
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CLM
Jan 11, 2023
1340133 PHOENIX-1340133 Datasheet
176Kb / 3P
Coaxial cable - NBC-COX-CNM/1.5-M/COX-CLM
Jan 11, 2023
1340135 PHOENIX-1340135 Datasheet
176Kb / 3P
Coaxial cable - NBC-COX-CNM/2.0-M/COX-CLM
Jan 11, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com