Electronic Components Datasheet Search
  English  ▼

X  

1340137 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1340137
Description  Coaxial cable - NBC-COX-CNM/5.0-M/COX-CLM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340137 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1340137 Datasheet HTML 1Page - PHOENIX CONTACT 1340137 Datasheet HTML 2Page - PHOENIX CONTACT 1340137 Datasheet HTML 3Page - PHOENIX CONTACT 1340137 Datasheet HTML 4Page - PHOENIX CONTACT 1340137 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Product properties
Type
Coaxial
Product type
Data cable preassembled
Number of positions
1
Locking type
Screw locking
Shielded
yes
Cable outlet
straight
Electrical properties
Frequency range
0 Hz ... 7.25 Hz
Insulation resistance
≥ 5 GΩ (In accordance with environmental tests Riso ≥200 MΩ)
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 100
Material specifications
Flammability rating according to UL 94
ja
Housing surface material
NiP-Au
Contact material
CuZn
Contact surface material
Cu2Ag5
O-ring material
Silicon
Housing material
CuZn
Connector
Connection 1
Shielded
yes
Insertion/withdrawal cycles
> 100
Degree of protection
IP65/IP67
Connection 2
Shielded
yes
Cable / line
Cable length
5.00 m
FO cable
Attenuation
2.25 dB (800 MHz)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coaxial cable - NBC-COX-CNM/5.0-M/COX-CLM
1340137
https://www.phoenixcontact.com/us/products/1340137
Jan 11, 2023, 2:24 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com