Electronic Components Datasheet Search
  English  ▼

X  

LAA125LS Datasheet(PDF) 2 Page - Clare, Inc.

Part # LAA125LS
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA125LS Datasheet(HTML) 2 Page - Clare, Inc.

  LAA125LS Datasheet HTML 1Page - Clare, Inc. LAA125LS Datasheet HTML 2Page - Clare, Inc. LAA125LS Datasheet HTML 3Page - Clare, Inc. LAA125LS Datasheet HTML 4Page - Clare, Inc. LAA125LS Datasheet HTML 5Page - Clare, Inc. LAA125LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LAA125L
Rev. 10
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous
I
L
-
-
150
mA
Peak Load Current
10ms max
I
LPK
-
-
400
mA
Load Current Limiting
I
CL
190
235
280
mA
On-Resistance
I
L=Load Current
R
ON
-
-
18
Ω
Off-State Leakage Current
V
L=350V
I
LEAK
-
-
1
μA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
50
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=170mA
I
F
5
-
-
mA
Input Dropout Current
-
-
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
μA
Input to Output Capacitance
-
C
I/O
-
3
-
pF
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com