Electronic Components Datasheet Search
  English  ▼

X  

LAA125LS Datasheet(PDF) 3 Page - Clare, Inc.

Part # LAA125LS
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA125LS Datasheet(HTML) 3 Page - Clare, Inc.

  LAA125LS Datasheet HTML 1Page - Clare, Inc. LAA125LS Datasheet HTML 2Page - Clare, Inc. LAA125LS Datasheet HTML 3Page - Clare, Inc. LAA125LS Datasheet HTML 4Page - Clare, Inc. LAA125LS Datasheet HTML 5Page - Clare, Inc. LAA125LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LAA125L
www.clare.com
3
Rev. 10
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LAA125L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25ºC)
I
F = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LAA125L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25ºC)
35
30
25
20
15
10
5
0
380
388
396
384
392
400
Blocking Voltage (V)
LAA125L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25ºC)
(Load Current = 150mA
DC)
0.88
1.18
1.48
0.73
1.03
1.33
1.63
LED Current (mA)
40
35
30
25
20
15
10
5
0
LAA125L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25ºC)
(Load Current = 150mA
DC)
0.5
0.9
1.3
0.3
0.7
1.1
1.5
LED Current (mA)
25
20
15
10
5
0
LAA125L
Typical Turn-On Time
(N=50 Ambient Temperature = 25ºC)
(Load Current = 150mA
DC; IF = 5mADC)
0.23
0.41
0.59
0.77
0.68
0.50
0.32
Turn-On (ms)
30
25
20
15
10
5
0
LAA125L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25ºC)
(Load Current = 150mA
DC; IF = 5mADC)
0.06
0.14
0.22
0.30
0.10
0.18
0.26
Turn-Off (ms)
35
30
25
20
15
10
5
0
LAA125L
Typical Load Current vs. Temperature
Temperature (ºC)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
I
F = 20mA
I
F = 10mA
I
F = 5mA
LAA125L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.18
0.16
0.14
0.12
0.10
0.08
0.06
-20
0
20
40
60
80
100
LAA125L
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
400
395
390
385
380
375
-20
0
20
40
60
80
100
LAA125L
Typical Turn-On vs. Temperature
(Load Current = 150mA
DC)
Temperature (ºC)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F = 5mA
I
F = 10mA
I
F = 20mA
LAA125L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25ºC)
(Load Current = 150mA
DC)
35
30
25
20
15
10
5
0
14.0
14.8
15.6
14.4
15.2
On-Resistance (Ω)
LAA125L
Typical Turn-Off vs. Temperature
(Load Current = 150mA
DC)
Temperature (ºC)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com