Electronic Components Datasheet Search
  English  ▼

X  

LCA715STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCA715STR
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA715STR Datasheet(HTML) 1 Page - Clare, Inc.

  LCA715STR Datasheet HTML 1Page - Clare, Inc. LCA715STR Datasheet HTML 2Page - Clare, Inc. LCA715STR Datasheet HTML 3Page - Clare, Inc. LCA715STR Datasheet HTML 4Page - Clare, Inc. LCA715STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-LCA715-R02.4
1
LCA715
Single Pole OptoMOS® Relay
Part #
Description
LCA715
6 Pin DIP (50/Tube)
LCA715S
6 Pin Surface Mount (50/Tube)
LCA715STR
6 Pin Surface Mount (1000/Reel)
LCA715
Units
Blocking Voltage
60
V
P
Load Current
1.8
A
Max On-resistance
0.25
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
•
Instrumentation
•
Multiplexers
•
Data Acquisition
•
Electronic Switching
•
I/O Subsystems
•
Meters (Watt-Hour, Water, Gas)
•
Medical Equipment—Patient/Equipment Isolation
•
Security
•
Aerospace
•
Industrial Controls
•
Small 6 Pin Package
•
Low Drive Power Requirements (TTL/CMOS
Compatible)
•
No Moving Parts
•
High Reliability
•
Arc-Free With No Snubbing Circuits
•
3750V
rms Input/Output Isolation
•
No EMI/RFI Generation
•
Machine Insertable, Wave Solderable
•
Surface Mount and Tape & Reel Versions Available
LCA715 is a 60V, 1.8A, 0.25Ω 1-Form-A relay. It
features the highest load current capability in a 6 pin
DIP package. It’s high performance features include a
1.8 amp load current capability and very low
on-resistance.
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
•
UL Recognized: File Number E76270
•
CSA Certified: File Number LR 43639-10
•
Certified to:
•
EN 60950
•
EN 41003
1
3
2
4
5
6
+ Control
- Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
LCA715 Pinout
1
3
2
4
5
6
+ Control
- Control
Do Not Use
+ Load
- Load
DC Only Configuration
LCA715 Pinout


Similar Part No. - LCA715STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA715STR IXYS-LCA715STR Datasheet
128Kb / 7P
Single-Pole, Normally Open 6-Pin OptoMOS Relay
More results

Similar Description - LCA715STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA110 CLARE-LCA110 Datasheet
394Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com