Electronic Components Datasheet Search
  English  ▼

X  

LCA715STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA715STR
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA715STR Datasheet(HTML) 3 Page - Clare, Inc.

  LCA715STR Datasheet HTML 1Page - Clare, Inc. LCA715STR Datasheet HTML 2Page - Clare, Inc. LCA715STR Datasheet HTML 3Page - Clare, Inc. LCA715STR Datasheet HTML 4Page - Clare, Inc. LCA715STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LCA715
www.clare.com
3
R02.4
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
35
30
25
20
15
10
5
0
0.215 0.197 0.199
0.203
0.201
0.205
0.90
1.00
1.10
0.95
1.05
1.15
LED Current (mA)
25
20
15
10
5
0
25
20
15
10
5
0
0.90
1.00
1.10
0.95
1.05
1.15
LED Current (mA)
35
30
25
20
15
10
5
0
72
74
76
78
80
82
Blocking Voltage (V)
0.27
0.33
0.39
0.24
0.30
0.36
Turn-On (ms)
25
20
15
10
5
0
0.083
0.093
0.103
0.078
0.088
0.098
Turn-Off (ms)
25
20
15
10
5
0
LCA715
Typical Load Current vs. Temperature
2500
2250
2000
1750
1500
1250
1000
750
-40
-20
0
20
40
60
80
120
100
IF = 20mA
IF = 10mA
LCA715
Typical Blocking Voltage vs. Temperature
-40
81.0
80.0
79.0
78.0
77.0
76.0
75.0
74.0
73.0
-20
0
20
40
60
80
100
LCA715
Typical Turn-On vs. Temperature
(Load Current = 1ADC)
IF = 5mA
-40
1.400
1.200
1.000
0.800
0.600
0.400
0.200
0
-20
0
20
40
60
80
100
IF = 10mA
LCA715
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
-40
0.019
0.018
0.017
0.016
0.015
0.014
0.013
0
-20
0
20
40
60
80
100
LCA715
Typical Turn-Off vs. Temperature
(Load Current = 1ADC)
-40
0.140
0.120
0.100
0.080
0.060
0.040
0.020
0
-20
0
20
40
60
80
100
IF = 10mA
IF = 5mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com