Electronic Components Datasheet Search
  English  ▼

X  

SIM6050 Datasheet(PDF) 3 Page - Global Connector Technology

Part # SIM6050
Description  SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin, SMT, Profile 3.00mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM6050 Datasheet(HTML) 3 Page - Global Connector Technology

  SIM6050 Datasheet HTML 1Page - Global Connector Technology SIM6050 Datasheet HTML 2Page - Global Connector Technology SIM6050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
3/3
SIM6050
SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin,
SMT, Profile 3.00mm
CC
SIM6050
D PCN
D3
By
Detail
Revision
Part Number
Drawing Date
15th March 2010
14/10/22
Date
24.00
Unloaded Section
About 192 mm long
Label
About 192 mm long
Unloaded Section
Product Loading Section
Peeling Angle
400 min.
165° ~ 180°
User direction of unreeling
Dimensions:
355 X 355 X 305
Void Filler
Box
Inner Carton
32.4
38.4
7 Reels
Tape Reel
Adhesive-Paper
4.00
2.00
Dimensions:
340 X 340 X 285
Pcs /
Reel
Reels /
Carton
Total
Qualtity
700
7
4900 pcs
Notes:
Peeling off force of top tape: 0.1-1.3N (Peeling direction as shown)
Materials:
Carrier Tape: Polystyrene (PS)
Top Tape: PE
Reel Tape: Polystyrene (PS)
Bag:PE
Bag
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com