Electronic Components Datasheet Search
  English  ▼

X  

SIM6050 Datasheet(PDF) 1 Page - Global Connector Technology

Part # SIM6050
Description  SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin, SMT, Profile 3.00mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM6050 Datasheet(HTML) 1 Page - Global Connector Technology

  SIM6050 Datasheet HTML 1Page - Global Connector Technology SIM6050 Datasheet HTML 2Page - Global Connector Technology SIM6050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No. of Contacts
8
SIM6050
Ordering Grid
8
30
Profile Height (H)
30 = 3.00mm
00
A
Packing Options
A = Tape & Reel
(700 per Reel)
0
Specifications
Material
Plastic Housing: LCP 30%GF, UL94V-0, Black
Contact Terminal: Phosphor Bronze C5210-EH, T=0.15mm
Metallic Shell: SUS301-H, T=0.15mm
Plating
Contact Terminal
Contact Area: 3µ”Gold
Solder area: Gold Flash
Underplating: 50µ" Ni overall
Metallic Shell: 50µ" Ni overall
Electrical
Voltage Rating: 30V rms
Current Rating: 0.5A per pin
Operating Temperature: -40°C to +85°C
Dielectric Withstanding Voltage: 200V AC (60Sec min)
Insulation Resistance: 100MΩ min. (Apply 500VDC)
Contact Resistance: 100mΩ max.
Mechanical & Environmental
Duration: 5000 cycles
4x1.70
1.27±0.02
16x1.00
C5
C1
C6
C2
C7
C3
C8
C4
C4
C8
C3
C7
C2
C6
C1
C5
8.89±0.05
8.57
8.57
Request Samples
and Quotation
0.09
Recommended PCB Layout
As viewed from component side Tolerance:±0.05mm
Component Outline
Solder Area
Keep Out Area
Pitch 2.54
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
X.XXX ± 0.15
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/3
SIM6050
SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin,
SMT, Profile 3.00mm
CC
SIM6050
D PCN
D3
By
Detail
Revision
Part Number
Drawing Date
15th March 2010
14/10/22
Date
X.X° ± 3°
X.XX° ± 2°
1.35
Top SIM
Bottom SIM
www.gct.co
0.1
0.80±0.15
0.80±0.15
0.05
3.00
2.60
17.50±0.15
1.27±0.05
19.10±0.15
1.27±0.05
8.89±0.10
5.17
15.30±0.15
0.4±0.02
C5 C1 C6 C2 C7 C3 C8 C4
C4
C8
C3
C7
C2
C6
C1
C5
SIM
Card
Entry
Section C-C
3.90
1.15
15.30
8x 1.15
GND
GND
GND
GND


Similar Part No. - SIM6050

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SIM60 BLOCK-SIM60 Datasheet
349Kb / 2P
Safety isolating transformer
logo
List of Unclassifed Man...
SIM600 ETC1-SIM600 Datasheet
2Mb / 12P
Wireless Module Solutions
More results

Similar Description - SIM6050

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
SIM CARD CONNECTOR 6 PIN
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
SIM CARD 6 PIN
SCC-06-SG-HC-NS-TR ADAM-TECH-SCC-06-SG-HC-NS-TR Datasheet
99Kb / 1P
SIM CARD 6 PIN
SCC-08-SG-HC ADAM-TECH-SCC-08-SG-HC Datasheet
104Kb / 1P
SIM CARD 8 PIN
SCC-A-06-SG-HC-TR ADAM-TECH-SCC-A-06-SG-HC-TR Datasheet
93Kb / 1P
SIM CARD 6 PIN
logo
Global Connector Techno...
SIM7050 GCT-SIM7050 Datasheet
242Kb / 3P
Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
24th August 2012
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com