Electronic Components Datasheet Search
  English  ▼

X  

ADM4850 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM4850
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM4850 Datasheet HTML 5Page - Analog Devices ADM4850 Datasheet HTML 6Page - Analog Devices ADM4850 Datasheet HTML 7Page - Analog Devices ADM4850 Datasheet HTML 8Page - Analog Devices ADM4850 Datasheet HTML 9Page - Analog Devices ADM4850 Datasheet HTML 10Page - Analog Devices ADM4850 Datasheet HTML 11Page - Analog Devices ADM4850 Datasheet HTML 12Page - Analog Devices ADM4850 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADM4850 to ADM4857
Rev. F | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Unloaded Supply Current vs. Temperature (ADM4850/ADM4853)
Figure 8. Receiver Output Current vs. Receiver Output Low Voltage
Figure 9. Receiver Output Current vs. Receiver Output High Voltage
Figure 10. Receiver Output Low Voltage vs. Temperature
Figure 11. Receiver Output High Voltage vs. Temperature
Figure 12. Driver Output Current vs. Differential Output Voltage
400
0
50
100
150
200
250
300
350
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ADM4853: DE = VCC
ADM4853: DE = GND
ADM4850: DE = VCC
ADM4850: DE = GND
50
0
5
10
15
20
25
30
35
40
45
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
RECEIVER OUTPUT LOW VOLTAGE (V)
5
0
–5
–10
–15
–20
3.5
4.0
4.5
5.0
5.5
RECEIVER OUTPUT HIGH VOLTAGE (V)
–50
–25
0
25
50
75
100
125
0.40
0.15
0.20
0.25
0.30
0.35
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
4.6
4.0
4.1
4.2
4.3
4.4
4.5
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
0
10
20
30
40
50
60
70
80
DIFFERENTIAL OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com