Electronic Components Datasheet Search
  English  ▼

X  

ADM4850 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM4850
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM4850 Datasheet HTML 8Page - Analog Devices ADM4850 Datasheet HTML 9Page - Analog Devices ADM4850 Datasheet HTML 10Page - Analog Devices ADM4850 Datasheet HTML 11Page - Analog Devices ADM4850 Datasheet HTML 12Page - Analog Devices ADM4850 Datasheet HTML 13Page - Analog Devices ADM4850 Datasheet HTML 14Page - Analog Devices ADM4850 Datasheet HTML 15Page - Analog Devices ADM4850 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADM4850 to ADM4857
Data Sheet
Rev. F | Page 16 of 16
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
ADM4850ACPZ-REEL7
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
M8Q
ADM4850ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4850ARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4850ARMZ
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
M8Q
ADM4850ARMZ-REEL7
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
M8Q
ADM4851ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4851ARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4852ACPZ-REEL7
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
M9M
ADM4852ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4852ARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4853ACPZ-REEL7
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
F0B
ADM4853ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4853ARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4853WARZ-RL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4854ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4855ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4856ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4856ARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4857ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM4857ARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCT
The ADM4853WARZ-RL7 model is available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that this automotive model may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for this model.
©2004–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04931-0-5/16(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com