Electronic Components Datasheet Search
  English  ▼

X  

ADM4853 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM4853
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4853 Datasheet(HTML) 4 Page - Analog Devices

  ADM4853 Datasheet HTML 1Page - Analog Devices ADM4853 Datasheet HTML 2Page - Analog Devices ADM4853 Datasheet HTML 3Page - Analog Devices ADM4853 Datasheet HTML 4Page - Analog Devices ADM4853 Datasheet HTML 5Page - Analog Devices ADM4853 Datasheet HTML 6Page - Analog Devices ADM4853 Datasheet HTML 7Page - Analog Devices ADM4853 Datasheet HTML 8Page - Analog Devices ADM4853 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM4850 to ADM4857
Data Sheet
Rev. F | Page 4 of 16
ADM4850/ADM4854 TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
115
kbps
Propagation Delay
t
PLH, tPHL
600
2500
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 21 and Figure 25
Skew
t
SKEW
70
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 21 and Figure 25
Rise/Fall Times
t
R, tF
600
2400
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 21 and Figure 25
Enable Time
t
ZH, tZL
2000
ns
R
L = 500 Ω, CL = 100 pF, see Figure 22 and Figure 27 (ADM4850 only)
Disable Time
t
LZ, tHZ
2000
ns
R
L = 500 Ω, CL = 15 pF, see Figure 22 and Figure 27 (ADM4850 only)
Enable Time from Shutdown
4000
ns
R
L = 500 Ω, CL = 100 pF, see Figure 22 (ADM4850 only)
RECEIVER
Propagation Delay
t
PLH, tPHL
400
1000
ns
C
L = 15 pF, see Figure 23 and Figure 26
Differential Skew
t
SKEW
255
ns
C
L = 15 pF, see Figure 23 and Figure 26
Enable Time
t
ZH, tZL
5
50
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 24 and Figure 28 (ADM4850 only)
Disable Time
t
LZ, tHZ
20
50
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 24 and Figure 28 (ADM4850 only)
Enable Time from Shutdown
4000
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 24 (ADM4850 only)
Time to Shutdown
50
330
3000
ns
ADM4850 only1
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.
ADM4851/ADM4855 TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay
t
PLH, tPHL
250
600
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 21 and Figure 25
Skew
t
SKEW
40
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 21 and Figure 25
Rise/Fall Times
t
R, tF
200
600
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 21 and Figure 25
Enable Time
t
ZH, tZL
1000
ns
R
L = 500 Ω, CL = 100 pF, see Figure 22 and Figure 27 (ADM4851 only)
Disable Time
t
LZ, tHZ
1000
ns
R
L = 500 Ω, CL = 100 pF, see Figure 22 and Figure 27 (ADM4851 only)
Enable Time from Shutdown
4000
ns
R
L = 500 Ω, CL = 100 pF, see Figure 22 (ADM4851 only)
RECEIVER
Propagation Delay
t
PLH, tPHL
400
1000
ns
C
L = 15 pF, see Figure 23 and Figure 26
Differential Skew
t
SKEW
250
ns
C
L = 15 pF, see Figure 23 and Figure 26
Enable Time
t
ZH, tZL
5
50
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 24 and Figure 28 (ADM4851 only)
Disable Time
t
LZ, tHZ
20
50
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 24 and Figure 28 (ADM4851 only)
Enable Time from Shutdown
4000
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 24 (ADM4851 only)
Time to Shutdown
50
330
3000
ns
ADM4851 only1
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com