Electronic Components Datasheet Search
  English  ▼

X  

ADM4853 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM4853
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4853 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM4853 Datasheet HTML 3Page - Analog Devices ADM4853 Datasheet HTML 4Page - Analog Devices ADM4853 Datasheet HTML 5Page - Analog Devices ADM4853 Datasheet HTML 6Page - Analog Devices ADM4853 Datasheet HTML 7Page - Analog Devices ADM4853 Datasheet HTML 8Page - Analog Devices ADM4853 Datasheet HTML 9Page - Analog Devices ADM4853 Datasheet HTML 10Page - Analog Devices ADM4853 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADM4850 to ADM4857
Rev. F | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. ADM4850, 8-Lead MSOP, Pin Configuration
Figure 4. ADM4850/ADM4851/ADM4852/ADM4853, 8-Lead SOIC,
Pin Configuration
Table 8. ADM4850/ADM4851/ADM4852/ADM4853, 8-Lead MSOP and 8-Lead SOIC, Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When RO is enabled and (A − B) ≥ −30 mV, RO is high. When RO is enabled and (A − B) ≤ −200 mV,
RO is low.
2
RE
Receiver Output Enable. A low level on RE enables the receiver output (RO). A high level on RE places RO into a high
impedance state.
3
DE
Driver Output Enable. A high level on DE enables the driver differential outputs (A and B). A low level on DE places
the driver differential outputs into a high impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, whereas a logic high on DI
forces A high and B low.
5
GND
Ground.
6
A
Noninverting Receiver Input A/Noninverting Driver Output A.
7
B
Inverting Receiver Input B/Inverting Driver Output B.
8
V
CC
5 V Power Supply.
RO
VCC
DI
GND
RE
B
DE
A
1
2
3
4
8
7
6
5
ADM4850
(Not to Scale)
TOP VIEW
VCC
1
A
8
GND
4
5
ADM4850/
ADM4851/
ADM4852/
ADM4853
TOP VIEW
(Not to Scale)
RO
2
B
7
DI
6
3
DE
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com